Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6460UT-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6460UT-T
Description  High-Voltage, Low-Current Voltage Monitors in SOT Packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6460UT-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6460UT-T Datasheet HTML 1Page - Maxim Integrated Products MAX6460UT-T Datasheet HTML 2Page - Maxim Integrated Products MAX6460UT-T Datasheet HTML 3Page - Maxim Integrated Products MAX6460UT-T Datasheet HTML 4Page - Maxim Integrated Products MAX6460UT-T Datasheet HTML 5Page - Maxim Integrated Products MAX6460UT-T Datasheet HTML 6Page - Maxim Integrated Products MAX6460UT-T Datasheet HTML 7Page - Maxim Integrated Products MAX6460UT-T Datasheet HTML 8Page - Maxim Integrated Products MAX6460UT-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
High-Voltage, Low-Current Voltage Monitors in
SOT Packages
_______________________________________________________________________________________
5
OUTPUT SHORT-CIRCUIT SINK CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
9
10
11
12
13
14
15
8
-40
125
VCC = 12V
VCC = 5V
VCC = 24V
TIMEOUT PERIOD vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
0.1
1
10
100
1000
0.01
-40
125
MAX6457UKD3
MAX6457UKD0
OUTPUT FALL TIME
vs. SUPPLY VOLTAGE
VCC (V)
24
20
16
12
8
200
400
600
800
1000
1200
1400
1600
1800
2000
0
428
TA = +125
°C
TA = -40
°C
TA = +25
°C
MAXIMUM TRANSIENT DURATION
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (VTH- - VIN+) (mV)
100
10
50
100
150
200
250
300
0
11000
OUT ASSERTED LOW
ABOVE THIS LINE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
0
2
4
6
8
10
-2
-40
125
VIN = 1.25V
INPUT LEAKAGE CURRENT
vs. TEMPERATURE
Typical Operating Characteristics (continued)
(GND = 0, RPULLUP = 10kΩ, and TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6460UT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6460UT-T MAXIM-MAX6460UT-T Datasheet
270Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 1; 6/03
MAX6460UT-T MAXIM-MAX6460UT-T Datasheet
158Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 5; 7/12
MAX6460UT-T MAXIM-MAX6460UT-T Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6460UT-T MAXIM-MAX6460UT-T Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
More results

Similar Description - MAX6460UT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6457_V5 MAXIM-MAX6457_V5 Datasheet
158Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 5; 7/12
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6457 MAXIM-MAX6457 Datasheet
270Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 1; 6/03
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6714DUB MAXIM-MAX6714DUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
logo
Microchip Technology
TC1219 MICROCHIP-TC1219 Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221 MICROCHIP-TC1221_14 Datasheet
193Kb / 16P
   High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/25/14
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com