Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6777 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6777
Description  Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6777 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6777 Datasheet HTML 1Page - Maxim Integrated Products MAX6777 Datasheet HTML 2Page - Maxim Integrated Products MAX6777 Datasheet HTML 3Page - Maxim Integrated Products MAX6777 Datasheet HTML 4Page - Maxim Integrated Products MAX6777 Datasheet HTML 5Page - Maxim Integrated Products MAX6777 Datasheet HTML 6Page - Maxim Integrated Products MAX6777 Datasheet HTML 7Page - Maxim Integrated Products MAX6777 Datasheet HTML 8Page - Maxim Integrated Products MAX6777 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Low-Power, 1%-Accurate Battery
Monitors in µDFN and SC70 Packages
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VBATT = 1.6V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
BATT to GND............................................................-0.3V to +6V
LBI, LBL, LBH, LBI1, LBI2 to GND ...............-0.3V to minimum of
((VBATT + 0.3V) and +6V)
LBO, LBO1, LBO2 to GND (open-drain) .................-0.3V to +6V
LBO, LBO1, LBO2 to GND (push-pull).........-0.3V to minimum of
((VBATT + 0.3V) and +6V)
Input Current (all pins) ........................................................20mA
Output Current (all pins) .....................................................20mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C) ..............247mW
6-Pin µDFN (derate 2.1mW°C above +70°C) ..............168mW
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0°C to +70°C
1.0
5.5
Operating Voltage Range
(Note 2)
VBATT
TA = -40°C to +85°C
1.2
5.5
V
VBATT = 3.7V, no load
4
7
Supply Current
IQ
VBATT = 1.8V, no load
3.2
6
µA
FIXED HYSTERESIS (MAX6775/MAX6776/MAX6779/MAX6780/MAX6781)
0.5% hysteresis version
1.2037
1.2159
1.2280
5% hysteresis version
1.1493
1.1609
1.1725
LBI, LBI_ Falling Threshold
(Note 3)
VLBIF
10% hysteresis version
1.0888
1.0998
1.1108
V
LBI Rising Threshold
VLBIR
1.2098
1.222
1.2342
V
LBI Input Leakage Current
0.2V
≤ VLBI ≤ VBATT - 0.2V
-5
+5
nA
ADJUSTABLE HYSTERESIS (MAX6777/MAX6778)
LBL, LBH Threshold
VBATT = 1.8V to 5.5V
1.2098
1.222
1.2342
V
LBL, LBH Input Leakage Current
VBATT - 0.2V
≥ VLBL/LBH ≥ 0.2V
-5
+5
nA


Similar Part No. - MAX6777

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6777LTT MAXIM-MAX6777LTT Datasheet
217Kb / 12P
   Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Rev 2; 1/06
MAX6777XKT MAXIM-MAX6777XKT Datasheet
217Kb / 12P
   Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Rev 2; 1/06
More results

Similar Description - MAX6777

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6775 MAXIM-MAX6775 Datasheet
217Kb / 12P
   Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Rev 2; 1/06
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX3370 MAXIM-MAX3370_V01 Datasheet
295Kb / 10P
   1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
   Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
logo
Analog Devices
ADG741 AD-ADG741 Datasheet
118Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
REV. 0
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX16033 MAXIM-MAX16033 Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com