Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6778 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6778
Description  Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6778 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6778 Datasheet HTML 2Page - Maxim Integrated Products MAX6778 Datasheet HTML 3Page - Maxim Integrated Products MAX6778 Datasheet HTML 4Page - Maxim Integrated Products MAX6778 Datasheet HTML 5Page - Maxim Integrated Products MAX6778 Datasheet HTML 6Page - Maxim Integrated Products MAX6778 Datasheet HTML 7Page - Maxim Integrated Products MAX6778 Datasheet HTML 8Page - Maxim Integrated Products MAX6778 Datasheet HTML 9Page - Maxim Integrated Products MAX6778 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Detailed Description
These battery monitors have an active-low output that
asserts when the input falls below a set voltage. They
also offer hysteresis for noise immunity, and to remove
the possibility of output chatter due to battery terminal
voltage recovery after load removal. They are available
with one or two monitors per package, with push-pull or
open-drain outputs, and with internally set or externally
adjustable hysteresis (dual-channel devices offer only
internally fixed hysteresis). Figures 1, 2, and 3 show
block diagrams and typical connections. See the
Selector Guide for details.
Low-Battery Output
All devices are offered with either push-pull or open-
drain outputs (see the
Selector Guide). The MAX6781
has one push-pull output and one open-drain output,
configured as in Table 1.
On all devices with open-drain outputs an external
pullup resistor is required. The open-drain pullup resis-
tor can connect to an external voltage up to +6V,
regardless of the voltage at BATT.
Low-Power, 1%-Accurate Battery
Monitors in µDFN and SC70 Packages
6
_______________________________________________________________________________________
Table 1. MAX6781 Outputs
DEVICE
LBO1
LBO2
MAX6781
Push-Pull
Open-Drain
LBI1
LBO1
0
1
BATT
GND
VREF
VBATT
LBI2
LBO2
0
1
MAX6779
MAX6780
MAX6781
HYSTERESIS
CONTROL
Figure 2. Dual-Channel Fixed-Hysteresis Block Diagram
LBI
LBO
0
1
BATT
GND
RL
VREF
VBATT
RH
MAX6775
MAX6776
HYSTERESIS
CONTROL
Figure 1. Single-Channel Fixed-Hysteresis Block Diagram
LBL
LBO
0
1
LBH
BATT
GND
RHYST
VREF
VBATT
RH
RL
MAX6777
MAX6778
Figure 3. Single-Channel Adjustable-Hysteresis Block Diagram


Similar Part No. - MAX6778

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6778LTT MAXIM-MAX6778LTT Datasheet
217Kb / 12P
   Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Rev 2; 1/06
MAX6778XKT MAXIM-MAX6778XKT Datasheet
217Kb / 12P
   Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Rev 2; 1/06
More results

Similar Description - MAX6778

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6775 MAXIM-MAX6775 Datasheet
217Kb / 12P
   Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Rev 2; 1/06
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX3370 MAXIM-MAX3370_V01 Datasheet
295Kb / 10P
   1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
   Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
logo
Analog Devices
ADG741 AD-ADG741 Datasheet
118Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
REV. 0
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX16033 MAXIM-MAX16033 Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com