Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

447SS327XM08 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 447SS327XM08
Description  Composite Standard Profile EMI/RFI Banding Backshell with Qwik-Ty짰 Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447SS327XM08 Datasheet(HTML) 1 Page - Glenair, Inc.

  447SS327XM08 Datasheet HTML 1Page - Glenair, Inc. 447SS327XM08 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-76
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
447-327
Composite Standard Profile EMI/RFI
Banding Backshell with Qwik-Ty® Strain Relief
and Self-Locking Rotatable Coupling
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II, and
-83723 Series I and III
F MIL-DTL-38999 Series I, II
L MIL-DTL-38999 Series 1.5 (JN1003)
H MIL-DTL-38999 Series III and IV
G MIL-DTL-28840
U DG123 and DG123A
SELF-LOCKING
ROTATABLE COUPLING
STANDARD PROFILE
Finish Symbol
(See Table III)
Connector Designator
A, F, L, H, G and U
Product Series
447 - EMI/RFI Non-Environmental
Banding Backshells
447 H S 327 XW 19 13 D K P T S
Angle and Profile
S - Straight
W - 90° Elbow
Basic Part
Number
Connector Shell Size
(See Table II)
Cable Entry
(See Table IV)
Drain Hole Option
(Omit "D" if not required)
Band Option
600-052-1
standard coiled
band supplied
with
K option
(Omit for none)
Shrink Boot
Option
Shrink boot
and o-ring
supplied
with
T option
(Omit for none)
Polysulfide Strips
Termination area
free of cadmium,
XW finish only
(Omit for none)
Slot Option
S - Pigtail
Termin. Slot
(Omit for none)
X Dia
.67 (17.0)
Typ.
1.28
(32.5)
Drain Holes
(Optional)
Shrink Sleeve
or Boot
Groove, Typ.
Entry
Diameter, Typ.
Anti-Decoupling
Device
E
F
G
Qwik-Ty®
Strain Relief
Use MS3367-
1 Tie-Strap or
Equivalent
Raised
Configuration
(Mfr's Option)
Anti-Decoupling
Device
Pigtail
Termination
Slot


Similar Part No. - 447SS327XM08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447SS325XM08 GLENAIR-447SS325XM08 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447SS325XM10 GLENAIR-447SS325XM10 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447SS325XM12 GLENAIR-447SS325XM12 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447SS325XM14 GLENAIR-447SS325XM14 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447SS325XM16 GLENAIR-447SS325XM16 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
More results

Similar Description - 447SS327XM08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447HS711XW19 GLENAIR-447HS711XW19 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
447AS711XM08 GLENAIR-447AS711XM08 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
447AS326XM08 GLENAIR-447AS326XM08 Datasheet
292Kb / 2P
   Composite Standard Profile EMI/RFI Micro-Banding Backshell
507T088XM09B04 GLENAIR-507T088XM09B04_11 Datasheet
230Kb / 2P
   Composite EMI/RFI Banding Backshell
507T088XM09B04 GLENAIR-507T088XM09B04_09 Datasheet
304Kb / 2P
   Composite RFI/EMI Banding Backshell
527281BB GLENAIR-527281BB Datasheet
127Kb / 1P
   EMI/RFI Qwik-Ty Elliptical Banding Backshell
527280B GLENAIR-527280B Datasheet
124Kb / 1P
   EMI/RFI Split Qwik-Ty Banding Backshell
447AS325XM08 GLENAIR-447AS325XM08 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447AS330XM08 GLENAIR-447AS330XM08 Datasheet
312Kb / 2P
   Composite Non-Environmental EMI/RFI Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief
527A265B GLENAIR-527A265B Datasheet
130Kb / 1P
   EMI/RFI Elliptical Qwik-Ty Straight Banding Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com