Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6777LT+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6777LT+T
Description  Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6777LT+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6777LT+T Datasheet HTML 3Page - Maxim Integrated Products MAX6777LT+T Datasheet HTML 4Page - Maxim Integrated Products MAX6777LT+T Datasheet HTML 5Page - Maxim Integrated Products MAX6777LT+T Datasheet HTML 6Page - Maxim Integrated Products MAX6777LT+T Datasheet HTML 7Page - Maxim Integrated Products MAX6777LT+T Datasheet HTML 8Page - Maxim Integrated Products MAX6777LT+T Datasheet HTML 9Page - Maxim Integrated Products MAX6777LT+T Datasheet HTML 10Page - Maxim Integrated Products MAX6777LT+T Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Low-Power, 1%-Accurate Battery
Monitors in µDFN and SC70 Packages
_______________________________________________________________________________________
7
The MAX6779, MAX6780, and MAX6781 monitor two
battery levels or two independent voltages. A common
application for this type of dual-battery monitor is to use
one output as an early warning signal and the other as
a dead-battery indicator.
Hysteresis
Input hysteresis defines two thresholds, separated by a
small voltage (the hysteresis voltage), configured so
the output asserts when the input falls below the falling
threshold, and deasserts only when the input rises above
the rising threshold. Figure 4 shows this graphically.
Hysteresis removes, or greatly reduces, the possibility of
the output changing state in response to noise or battery
terminal voltage recovery after load removal.
Fixed Hysteresis
The MAX6775/MAX6776/MAX6779/MAX6780/MAX6781
have factory-set hysteresis for ease of use, and reduce
component count. For these devices, the absolute hys-
teresis voltage is a percentage of the internally generat-
ed reference. The amount depends on the device
option. “A” devices have 0.5% hysteresis, “B” devices
have 5% hysteresis, and “C” devices have 10% hystere-
sis. Table 2 presents the threshold voltages for devices
with internally fixed hysteresis.
Adjustable Hysteresis
The MAX6777/MAX6778 offer external hysteresis con-
trol through the resistive divider that monitors battery
voltage. Figure 3 shows the connections for external
hysteresis. See the
Calculating an External Hysteresis
Resistive Divider section for more information.
Applications Information
Resistor-Value Selection
Choosing the proper external resistors is a balance
between accuracy and power use. The input to the volt-
age monitor, while high impedance, draws a small cur-
rent, and that current travels through the resistive
divider, introducing error. If extremely high resistor val-
ues are used, this current introduces significant error.
With extremely low resistor values, the error becomes
negligible, but the resistive divider draws more power
from the battery than necessary and shortens battery
life. Figure 1 calculates the optimum value for RH using:
where eA is the maximum acceptable absolute resistive
divider error (use 0.01 for 1%), VBATT is the battery volt-
age at which LBO should activate, and IL is the worst-
case LBI leakage current. For example, with 0.5%
accuracy, a 2.8V battery minimum, and 5nA leakage,
RH = 2.80MΩ.
Calculate RL using:
where VLBIF is the falling threshold voltage from Table 2.
Continuing the above example, select VLBIF = 1.0998V
(10% hysteresis device) and RL = 1.81MΩ.
R
Vx R
VV
L
LBIF
H
LBIF
BATT
=
R
ex V
I
H
A
BATT
L
=
VBATT
LBO
VLBIR
VLBIF
VHYST
tPD
tPD
MAX6775
MAX6776
Figure 4. Hysteresis
Table 2. Typical Falling and Rising Thresholds for
MAX6775/MAX6776/MAX6779/MAX6780/MAX6781
DEVICE OPTION
PERCENT
HYSTERESIS (%)
FALLING THRESHOLD
(VLBIF) (V)
RISING THRESHOLD
(VLBIR) (V)
HYSTERESIS VOLTAGE
(VHYST) (mV)
A
0.5
1.2159
1.222
6.11
B
5
1.1609
1.222
61.1
C
10
1.0998
1.222
122


Similar Part No. - MAX6777LT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6777LTT MAXIM-MAX6777LTT Datasheet
217Kb / 12P
   Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Rev 2; 1/06
More results

Similar Description - MAX6777LT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6775 MAXIM-MAX6775 Datasheet
217Kb / 12P
   Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Rev 2; 1/06
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX3370 MAXIM-MAX3370_V01 Datasheet
295Kb / 10P
   1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
   Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
logo
Analog Devices
ADG741 AD-ADG741 Datasheet
118Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
REV. 0
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX16033 MAXIM-MAX16033 Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com