Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6956AAI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6956AAI
Description  2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6956AAI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6956AAI Datasheet HTML 1Page - Maxim Integrated Products MAX6956AAI Datasheet HTML 2Page - Maxim Integrated Products MAX6956AAI Datasheet HTML 3Page - Maxim Integrated Products MAX6956AAI Datasheet HTML 4Page - Maxim Integrated Products MAX6956AAI Datasheet HTML 5Page - Maxim Integrated Products MAX6956AAI Datasheet HTML 6Page - Maxim Integrated Products MAX6956AAI Datasheet HTML 7Page - Maxim Integrated Products MAX6956AAI Datasheet HTML 8Page - Maxim Integrated Products MAX6956AAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or
28-Port LED Display Driver and I/O Expander
4
_______________________________________________________________________________________
OPERATING SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
97.5
70.0
42.5
15.0
-12.5
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
0.36
0.40
0
-40.0
125.0
V+ = 2.5V TO 5.5V
NO LOAD
ALL PORTS
OUTPUT (1)
ALL PORTS
OUTPUT (0)
ALL PORTS LED (OFF)
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
97.5
70.0
42.5
15.0
-12.5
4
5
6
7
8
3
-40.0
125.0
V+ = 5.5V
V+ = 3.3V
V+ = 2.5V
OPERATING SUPPLY CURRENT vs. V+
(NO LOADS)
V+ (V)
5.0
4.5
4.0
3.5
3.0
2.5
0.1
1
10
100
0.01
2.0
5.5
ALL PORTS LED (ON)
ALL PORTS LED (OFF)
ALL PORTS OUTPUT (1)
ALL PORTS OUTPUT (0)
LED DRIVER SINK CURRENT
vs. V+
V+ (V)
5.0
4.5
3.5
4.0
3.0
2.5
8
10
12
14
16
18
20
22
24
26
6
2.0
5.5
LED DROP = 2.4V
LED DROP = 1.8V
GPO SOURCE CURRENT vs. TEMPERATURE
(OUTPUT = 1)
TEMPERATURE (
°C)
97.5
70.0
42.5
15.0
-12.5
3
4
5
6
7
8
9
2
-40.0
125.0
VPORT = 1.4V
V+ = 5.5V
V+ = 3.3V
V+ = 2.5V
LED DRIVER SINK CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
97.5
70.0
42.5
15.0
-12.5
21
22
23
24
25
26
27
20
-40.0
125.0
VLED = 2.4V
V+ = 5.5V
V+ = 3.3V
GPO SINK CURRENT vs. TEMPERATURE
(OUTPUT = 0)
TEMPERATURE (
°C)
97.5
70.0
-12.5
15.0
42.5
4
6
8
10
12
14
16
18
2
-40.0
125.0
V+ = 2.5V TO 5.5V, VPORT = 0.6V
GPI PULLUP CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
97.5
70.0
42.5
15.0
-12.5
100
1000
10
-40.0
125.0
V+ = 5.5V
V+ = 3.3V
V+ = 2.5V
GPO SHORT-CIRCUIT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
97.5
70.0
42.5
15.0
-12.5
10
100
1
-40.0
125.0
GPO = 0, PORT
SHORTED TO V+
GPO = 1, PORT
SHORTED TO GND
__________________________________________Typical Operating Characteristics
(RISET = 39kΩ, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6956AAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6956AAI MAXIM-MAX6956AAI Datasheet
381Kb / 27P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 2; 11/03
MAX6956AAI++ MAXIM-MAX6956AAI+ Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
More results

Similar Description - MAX6956AAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
MAX6956 MAXIM-MAX6956 Datasheet
381Kb / 27P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 2; 11/03
MAX7300 MAXIM-MAX7300_14 Datasheet
1Mb / 20P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 8; 5/14
MAX7300 MAXIM-MAX7300 Datasheet
348Kb / 22P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 1; 2/03
MAX7300 MAXIM-MAX7300_11 Datasheet
205Kb / 20P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 7; 9/11
MAX6957 MAXIM-MAX6957_14 Datasheet
1Mb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
Rev 5; 7/14
MAX6957 MAXIM-MAX6957 Datasheet
333Kb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
MAX7301 MAXIM-MAX7301_06 Datasheet
281Kb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 6; 4/06
MAX7301 MAXIM-MAX7301 Datasheet
1Mb / 18P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 3; 10/03
MAX7301 MAXIM-MAX7301_V01 Datasheet
1Mb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V 20-Port and 28-Port I/O Expander
19-2438; Rev 10; 8/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com