Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7036 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7036
Description  300MHz to 450MHz ASK Receiver with Internal IF Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7036 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7036 Datasheet HTML 2Page - Maxim Integrated Products MAX7036 Datasheet HTML 3Page - Maxim Integrated Products MAX7036 Datasheet HTML 4Page - Maxim Integrated Products MAX7036 Datasheet HTML 5Page - Maxim Integrated Products MAX7036 Datasheet HTML 6Page - Maxim Integrated Products MAX7036 Datasheet HTML 7Page - Maxim Integrated Products MAX7036 Datasheet HTML 8Page - Maxim Integrated Products MAX7036 Datasheet HTML 9Page - Maxim Integrated Products MAX7036 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
300MHz to 450MHz ASK Receiver
with Internal IF Filter
6
_______________________________________________________________________________________
Pin Description
Typical Operating Characteristics (continued)
(
Typical Application Circuit, VAVDD = VDD = VDVDD = 3.3V, fRF = 315MHz, TA = +25°C, unless otherwise noted.)
PIN
NAME
FUNCTION
1
ENABLE
Enable Input. Internally pulled down to ground. Set VENABLE = VDD for normal operation.
2
XTAL2
Crystal Input 2. Connect an external crystal from XTAL2 to XTAL1. Can also be driven with an AC-
coupled external reference oscillator (see the Crystal Oscillator section).
3
XTAL1
Crystal Input 1. Connect an external crystal from XTAL2 to XTAL1. Bypass to GND if XTAL2 is driven
from an AC-coupled external reference (see the Phase-Locked Loop section).
4
AVDD
Positive Analog Supply Voltage. Connect to DVDD. Bypass to GND with a 0.1µF capacitor as close as
possible to the device (see the Typical Application Circuit). For 5.0V operation, AVDD is internally
connected to an on-chip 3.2V LDO regulator. For 3.3V operation, connect AVDD to VDD.
5
LNAIN
Low-Noise Amplifier Input. Must be AC-coupled (see the Low-Noise Amplifier section).
6
LNAOUT
Low-Noise Amplifier Output. Must be connected to AVDD through a parallel LC tank circuit. AC-
couple to MIXIN2 (see the Low-Noise Amplifier section).
7
MIXIN2
2nd Differential Mixer Input. Connect to the LNAOUT side of the LC tank filter through a 100pF
capacitor (see the Typical Application Circuit).
8
MIXIN1
1st Differential Mixer Input. Connect to the AVDD side of the LC tank filter through a 100pF capacitor
(see the Typical Application Circuit).
9
IFC2
IF Filter Capacitor Connection 2. This is for the Sallen-Key IF filter. Connect a capacitor from IFC2 to GND.
The value of the capacitor is determined by the IF filter bandwidth (see the Typical Application Circuit).
10
IFC1
IF Filter Capacitor Connection 1. This is for the Sallen-Key IF filter. Connect a capacitor from IFC1 to IFC3.
The value of the capacitor is determined by the IF filter bandwidth (see the Typical Application Circuit).
11
IFC3
IF Filter Capacitor Connection 3. This is for the Sallen-Key IF filter. Connect a capacitor from IFC3 to IFC1.
The value of the capacitor is determined by the IF filter bandwidth (see the Typical Application Circuit).
12
DVDD
Positive Digital Supply Voltage Input. Connect to AVDD. Bypass to GND with a 0.01µF capacitor as
close as possible to the device (see the Typical Application Circuit).
REGULATOR VOLTAGE
vs. REGULATOR CURRENT
REGULATOR CURRENT (mA)
20
25
15
10
5
3.05
3.10
3.15
3.00
0
TA = -40
°C
TA = +25
°C
TA = +85
°C
TA = +105
°C
VDD = 5V, +5V CIRCUIT
PHASE NOISE vs. OFFSET FREQUENCY
OFFSET FREQUENCY (kHz)
100
10,000
1
-70
-60
-50
-120
-110
-100
-90
-80
0.01
fRF = 315MHz
PHASE NOISE vs. OFFSET FREQUENCY
OFFSET FREQUENCY (kHz)
100
10,000
1
-70
-60
-50
-120
-110
-100
-90
-80
0.01
fRF = 433MHz


Similar Part No. - MAX7036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036 Datasheet
218Kb / 13P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
MAX7036 MAXIM-MAX7036 Datasheet
174Kb / 13P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
MAX7036 MAXIM-MAX7036 Datasheet
941Kb / 7P
   MAX7036 Evaluation Kit
Rev 1; 2/12
MAX7036EVKIT MAXIM-MAX7036EVKIT Datasheet
941Kb / 7P
   MAX7036 Evaluation Kit
Rev 1; 2/12
MAX7036EVKIT-315++ MAXIM-MAX7036EVKIT-315+ Datasheet
941Kb / 7P
   MAX7036 Evaluation Kit
Rev 1; 2/12
More results

Similar Description - MAX7036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036_10 Datasheet
218Kb / 13P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
MAX7036EVKIT MAXIM-MAX7036EVKIT_V01 Datasheet
5Mb / 13P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
2021
MAX7036 MAXIM-MAX7036_12 Datasheet
174Kb / 13P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
logo
Micrel Semiconductor
MICRF220 MICREL-MICRF220_15 Datasheet
747Kb / 20P
   300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF220 MICREL-MICRF220 Datasheet
639Kb / 18P
   300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF219A MICREL-MICRF219A_15 Datasheet
834Kb / 25P
   300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
MICRF219 MICREL-MICRF219_11 Datasheet
892Kb / 23P
   300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
MICRF219 MICREL-MICRF219 Datasheet
964Kb / 24P
   300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
logo
Maxim Integrated Produc...
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com