Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPICP321616 Datasheet(PDF) 3 Page - PCA ELECTRONICS INC.

Part # EPICP321616
Description  Multilayer High Current Chip Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPICP321616 Datasheet(HTML) 3 Page - PCA ELECTRONICS INC.

  EPICP321616 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPICP321616 Datasheet HTML 2Page - PCA ELECTRONICS INC. EPICP321616 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPICP321616 Datasheet HTML 4Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
E L E C T R O N I C S I N C .
Multilayer High Current Chip Beads
EPICP Type
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSICP
Rev. -
3/31/08 MH
3
1
100
1000
100
0
1
10
10
Frequency (MHz)
EPICP 160808-300
Z
X
R
1
100
1000
100
0
1
10
10
Frequency (MHz)
EPICP 201209-100
Z
X
R
1
100
1000
100
0
1
10
10
Frequency (MHz)
EPICP 201209-300
1
100
1000
100
0
1
10
10
Frequency (MHz)
EPICP 321611-190
Z
R
X
1
100
1000
100
0
1
10
10
Frequency (MHz)
EPICP 321611-260
Z
X
R
1
100
1000
1000
1
10
10
100
Frequency (MHz)
EPICP 321611-500
Z
X
R
1
100
1000
1000
1
10
10
100
Frequency (MHz)
EPICP 451616-600
Z
X
R
1
100
1000
1000
1
10
10
100
Frequency (MHz)
EPICP 322513-520
Z
X
R
1
100
1000
1000
1
10
10
100
Frequency (MHz)
EPICP 322513-650
Z
X
R
1
100
1000
1000
1
10
10
100
Frequency (MHz)
EPICP 453215-700
Z
X
Z
1
100
1000
1000
1
10
10
100
Frequency (MHz)
EPICP 451616-800
Z
X
Z
1
100
1000
1000
1
10
10
100
Frequency (MHz)
EPICP 451616-750
Z
X
R


Similar Part No. - EPICP321616

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EPIC VISHAY-EPIC Datasheet
86Kb / 3P
   Electro-Pyrotechnic Initiator Chip Resistor
Revision: 03-Nov-08
logo
AAEON Technology
EPIC-5536 AAEON-EPIC-5536 Datasheet
404Kb / 2P
   EPIC Board with Onboard AMD Geode LX800 (500 MHz) Processor
EPIC-5537 AAEON-EPIC-5537 Datasheet
349Kb / 1P
   Onboard AMD Geode??LX 800 Processor
EPIC-5537W1 AAEON-EPIC-5537W1 Datasheet
315Kb / 1P
   Onboard AMD Geode??LX 800 Processor 500 MHz
EPIC-8526 AAEON-EPIC-8526 Datasheet
225Kb / 1P
   Intel짰 Embedded Pentium짰 M/ Celeron짰 M Processors
More results

Similar Description - EPICP321616

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EFP ECE-EFP Datasheet
182Kb / 5P
   HIGH CURRENT MULTILAYER CHIP BEADS
logo
List of Unclassifed Man...
PMH1206-601 ETC2-PMH1206-601 Datasheet
37Kb / 1P
   Multilayer High-Current Ferrite Chip Beads
logo
Frontier Electronics.
TI201209 FRONTIER-TI201209 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI321611 FRONTIER-TI321611 Datasheet
127Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI451616 FRONTIER-TI451616 Datasheet
120Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI100505 FRONTIER-TI100505 Datasheet
121Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI160808 FRONTIER-TI160808 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
logo
Vishay Siliconix
ILHB1206ER500V VISHAY-ILHB1206ER500V Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
ILHB0603ER121V VISHAY-ILHB0603ER121V Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com