Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPIH5D28 Datasheet(PDF) 6 Page - PCA ELECTRONICS INC.

Part # EPIH5D28
Description  SMD Shielded Power Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIH5D28 Datasheet(HTML) 6 Page - PCA ELECTRONICS INC.

  EPIH5D28 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPIH5D28 Datasheet HTML 2Page - PCA ELECTRONICS INC. EPIH5D28 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPIH5D28 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPIH5D28 Datasheet HTML 5Page - PCA ELECTRONICS INC. EPIH5D28 Datasheet HTML 6Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
E L E C T R O N I C S I N C .
SMD Shielded Power Inductors
EPIH Type
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSPIH
Rev. -
3/6/08
Electrical Characteristics (EPIH6D38 Type)
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
Inductance
(µH)
0.890
1.290
1.700
1.750
2.200
2.850
3.200
4.050
4.700
DC Resistance
(
Ω Max.)
0.43
0.40
0.37
0.34
0.32
0.29
0.25
0.22
0.20
Rated Current
(Amps Max.)
10
10
10
10
10
10
10
10
10
Test Frequency
(KHz @ 0.1 V)
Electrical Characteristics (EPIH8D28 Type)
2.50
3.30
4.70
7.30
10.0
15.0
22.0
33.0
47.0
68.0
100.0
Inductance
(µH)
15.6
18.2
24.7
39
47
69
99
156
195
286
980
DC Resistance
(m
Ω Max.)
4.50
4.00
3.40
2.80
2.50
1.90
1.60
1.30
1.15
0.92
0.75
Isat
(Amps Max.)
6.40
6.00
4.50
3.40
3.20
2.35
1.85
1.49
1.300
0.98
0.80
Irms
(Amps Typ.)
100
100
100
100
100
100
100
100
100
100
100
Test Frequency
(KHz @ 0.1 V)
Electrical Characteristics (EPIH8D43 Type)
2.00
3.90
4.70
6.80
10.0
15.0
22.0
33.0
47.0
68.0
100.0
Inductance
(µH)
14
19
22
25
36
53
75
125
150
240
360
DC Resistance
(m
Ω Max.)
7.00
5.90
5.60
4.40
4.00
2.90
2.60
2.20
1.80
1.50
1.30
Isat
(Amps Max.)
5.50
4.50
4.10
3.90
3.20
2.30
1.80
1.40
1.30
1.00
0.80
Irms
(Amps Typ.)
100
100
100
100
100
100
100
100
100
100
100
Test Frequency
(KHz @ 0.1 V)
Electrical Characteristics (EPIH8D38 Type)
1.80
2.00
3.50
4.70
6.00
10.0
15.0
22.0
33.0
47.0
68.0
100.0
Inductance
(µH)
15.6
17.5
24
29
32
48
67
105
157
189
290
410
DC Resistance
(m
Ω Max.)
6.20
5.50
4.40
4.00
3.50
2.60
2.30
1.88
1.52
1.288
1.10
0.88
Isat
(Amps Max.)
6.80
6.00
5.20
4.40
4.00
3.20
2.50
2.00
1.60
1.42
1.08
0.88
Irms
(Amps Typ.)
100
100
100
100
100
100
100
100
100
100
100
100
Test Frequency
(KHz @ 0.1 V)
Part
Number
Part
Number
Part
Number
Part
Number
EPIH6D38-221
EPIH6D38-271
EPIH6D38-331
EPIH6D38-391
EPIH6D38-471
EPIH6D38-561
EPIH6D38-681
EPIH6D38-821
EPIH6D38-102
EPIH8D28-2R5
EPIH8D28-3R3
EPIH8D28-4R7
EPIH8D28-7R3
EPIH8D28-100
EPIH8D28-150
EPIH8D28-220
EPIH8D28-330
EPIH8D28-470
EPIH8D28-680
EPIH8D28-101
EPIH8D43-2R0
EPIH8D43-3R9
EPIH8D43-4R7
EPIH8D43-6R8
EPIH8D43-100
EPIH8D43-150
EPIH8D43-220
EPIH8D43-330
EPIH8D43-470
EPIH8D43-680
EPIH8D43-101
EPIH8D38-1R8
EPIH8D38-2R0
EPIH8D38-3R5
EPIH8D38-4R7
EPIH8D38-6R0
EPIH8D38-100
EPIH8D38-150
EPIH8D38-220
EPIH8D38-330
EPIH8D38-470
EPIH8D38-680
EPIH8D38-101
6


Similar Part No. - EPIH5D28

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L3143KSP56 PCA-EPI0L3143KSP56 Datasheet
53Kb / 2P
   Surface Mount Power Inductor
EPI0L3143KSP56-LF PCA-EPI0L3143KSP56-LF Datasheet
53Kb / 2P
   Surface Mount Power Inductor
EPI0L3153KSP56L PCA-EPI0L3153KSP56L Datasheet
60Kb / 2P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
More results

Similar Description - EPIH5D28

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com