Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPI4L7152C Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPI4L7152C
Description  Miniature SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI4L7152C Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPI4L7152C Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CSIXXXXXXC
Rev. -
3/9/01
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Primary Specification
Features of the EPI “C” Series of Miniature SMT Power Inductors
• Virtually no limit on V µSec as long as max. RMS Current Limit •
and Temperature Rise Limit are not exceeded
• Low loss material ensures operation in high frequency switching •
converters, such as Buck, Boost or as output averaging filter inductor
• Low cost Robust construction to withstand most SMT processes •
• Also suitable for use in high quality filter applications •
Miniature SMT Power Inductor
---
---
.050
.155Ø
---
.120
.170
.140
.055
.160
.270
Nom.
Dimensions
A
B
C
D
E
F
G
H
I
J
K
Dim.
Min.
.260
.175
---
---
.115
---
---
---
---
---
---
Max.
(Inches)
(Millimeters)
---
---
---
---
---
---
---
---
---
---
---
Min.
6.60
4.45
---
---
2.92
---
---
---
---
---
---
Max.
---
---
---
---
---
---
---
---
---
---
---
---
---
1.27
3.94Ø
---
3.05
4.32
3.56
1.40
4.06
6.86
Nom.
Product performance is limited to specific parameters. Data subject to change without prior notice.
Package C
B
C
A
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
Inductance
(µH ± 20%)
@ 0 Adc
DCR
(
Ω Max.)
0.05
0.05
0.07
0.08
0.09
0.13
0.16
0.23
0.37
0.51
0.64
0.86
1.27
2.00
3.11
3.80
5.06
9.20
13.8
Inductance
(µH Min.)
@ I Sat.
0.9
1.35
1.98
2.97
4.23
6.12
9.0
13.5
19.8
29.7
42.3
61.2
90
135
198
297
423
612
900
I rms
(mA Max.)
2900
2800
2400
2000
1500
1400
1100
1200
800
600
500
400
300
250
200
160
150
120
70
SRF
(MHz Typ.)
145
100
85
70
50
45
35
30
20
18
16
12
11
8
7
5
4
3
2
G
I Saturation
(mA)
2900
2600
2300
2000
1500
1200
1100
900
700
580
500
400
310
270
220
180
160
140
100
F
I
D
E
Land Pattern
H
K
J
Marking:
PCA
EPIXXXXXXC
Part
Number
EPI1L0292C
EPI1L5262C
EPI2L2232C
EPI3L3202C
EPI4L7152C
EPI6L8122C
EPI100112C
EPI150901C
EPI220701C
EPI330581C
EPI470504C
EPI680401C
EPI101311C
EPI151271C
EPI221221C
EPI331181C
EPI471161C
EPI681141C
EPI102101C
Note :
1. Temperature Rise : 15°C Typ.
2. Inductance Change at I Saturation : 10% Max.
µSec.
V
I (peak)
t
EPI C Series


Similar Part No. - EPI4L7152C

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI4L7102WS1414 PCA-EPI4L7102WS1414 Datasheet
37Kb / 1P
   Surface Mount Power Inductor
EPI4L7112G1816 PCA-EPI4L7112G1816 Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
EPI4L7122B20 PCA-EPI4L7122B20 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
EPI4L7122B20 PCA-EPI4L7122B20 Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
EPI4L7132F1818 PCA-EPI4L7132F1818 Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
More results

Similar Description - EPI4L7152C

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3894 PCA-EPA3894 Datasheet
22Kb / 1P
   Miniature SMT Power Inductor
EPI1L0402F2220 PCA-EPI1L0402F2220 Datasheet
36Kb / 1P
   Miniature SMT Power Inductor
EPI0L5272F2523 PCA-EPI0L5272F2523 Datasheet
36Kb / 1P
   Miniature SMT Power Inductor
EPI1L0501F1210 PCA-EPI1L0501F1210 Datasheet
35Kb / 1P
   Miniature SMT Power Inductor
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com