Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPI4L2222F2222 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPI4L2222F2222
Description  Surface Mount Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI4L2222F2222 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPI4L2222F2222 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in PDA’s, Cell Phones, Digital Cameras, MP3 Players,
Low Power CPU & DSP Supply and Organizers
• Used as an Inductor in TI TPS6205X, TPS6110X, TPS6200X,
TSP6210X and TPS6220X Series Applications
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
EPI F2222 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package F2222
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXF2222
Rev. 1
6/9/03 FF
2.6
3.0
4.2
5.3
6.2
8.2
10
15
22
33
47
56
68
82
100
Induct.
(µH ± 20%)
@ 0 Adc
.018
.024
.031
.038
.045
.053
.065
.103
.122
.189
.260
.305
.355
.463
.520
DCR
(
Ω Max.)
EPI2L6262F2222
EPI3L0242F2222
EPI4L2222F2222
EPI5L3192F2222
EPI6L2182F2222
EPI8L2162F2222
EPI100132F2222
EPI150112F2222
EPI220901F2222
EPI330751F2222
EPI470621F2222
EPI560581F2222
EPI680521F2222
EPI820461F2222
EPI101421F2222
Part
Number
2.6
2.4
2.2
1.9
1.8
1.6
1.3
1.1
.90
.75
.62
.58
.52
.46
.42
Idc
(Amp.)
.118
Max.
(3.00)
.224 ± .012
(5.70 ± .300)
.224 ± .012
(5.70 ± .300)
.248
(6.30)
.248
(6.30)
.079 (2.00)
.217
(5.50)
.217
(5.50)
Marking:
PCA
Inductance
Value
2V-5.5V
VOut
0.8V
VIN
FB
TPS6200X
L
ILIM
EN
L1
C1
C2
1
8
6
5
9
PG
PGND
SYNC
GND
FC
7
32
4
10
PG
VOut
3.3V
VIN
FB
TPS6210X
SW
MODE
SD/SYNC
L1
C1
C4
1
2
3
7
8
COMP
PGND
AGND
4
5
6
C3
C2
R4
R1
R2
R3
+
-
+
-
(0 to 500 mA)
Applications


Similar Part No. - EPI4L2222F2222

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI4L2222F2222 PCA-EPI4L2222F2222 Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
More results

Similar Description - EPI4L2222F2222

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L8103B44 PCA-EPI0L8103B44 Datasheet
58Kb / 1P
   Surface Mount Power Inductor
EPI1L7312B30 PCA-EPI1L7312B30 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
EPI6L5972BH68 PCA-EPI6L5972BH68 Datasheet
33Kb / 1P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
EPI0L4592KSP45 PCA-EPI0L4592KSP45 Datasheet
59Kb / 2P
   Surface Mount Power Inductor
EPI1L4143BH44 PCA-EPI1L4143BH44 Datasheet
52Kb / 1P
   Surface Mount Power Inductor
EPI1L0303D PCA-EPI1L0303D Datasheet
40Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
30000B MURATA-30000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI100232G3229 PCA-EPI100232G3229 Datasheet
42Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
3000B MURATA-3000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI0L3143KSP56 PCA-EPI0L3143KSP56 Datasheet
53Kb / 2P
   Surface Mount Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com