Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7359ETG+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7359ETG+
Description  2-Wire Interfaced Low-EMI Key Switch Controller/GPO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7359ETG+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7359ETG+ Datasheet HTML 1Page - Maxim Integrated Products MAX7359ETG+ Datasheet HTML 2Page - Maxim Integrated Products MAX7359ETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX7359ETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX7359ETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX7359ETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX7359ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX7359ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX7359ETG+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2-Wire Interfaced Low-EMI
Key Switch Controller/GPO
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC ..........................................................................-0.3V to +4V
COL2/PORT2–COL7/PORT7 ....................................-0.3V to +4V
SDA, SCL, AD0,
INT .................................................-0.3V to +6V
All Other Pins ..............................................-0.3V to (VCC + 0.3V)
DC Current on COL2/PORT2–COL7/PORT7 ......................25mA
GND Current .......................................................................80mA
Continuous Power Dissipation (TA = +70°C)
24-Pin TQFN (derate 15.4mW/°C above +70°C)..........1229mW
Operating Temperature Range (TMIN to TMAX) .....-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = 1.62V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 2.5V, TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
VCC
1.62
3.60
V
All key switches open, oscillator running,
COL2–COL7 configured as key switches
25
60
Operating Supply Current
ICC
N keys pressed
(25 +
20 x N)
µA
Sleep-Mode Supply Current
ISL
0.6
5
µA
POR
1.0
1.6
V
POR Hysteresis
PORHYST
VCC rising
42
mV
Key-Switch Source Current
IKEY
20
35
µA
Key-Switch Source Voltage
VKEY
Operating mode
0.42
0.55
V
Key-Switch Resistance
RKEY
(Note 3)
5
k
Ω
Startup Time from Shutdown
tSTART
2
2.4
ms
Output Low Voltage
COL2/PORT2 to COL7/PORT7
VOLPORT
ISINK = 10mA
0.2
V
INT Output
VOLINT
ISINK = 10mA
0.5
V
Oscillator Frequency
FOSC
64
kHz
SERIAL-INTERFACE SPECIFICATIONS
Serial Bus Timeout
tOUT
With bus timeout enabled
10
40
ms
Input High Voltage
SDA, SCL, AD0
VIH
0.7 x
VCC
V
Input Low Voltage
SDA, SCL, AD0
VIL
0.3 x
VCC
V
Output Low Voltage SDA
VOLPORT
ISINK = 10mA
0.4
V
Input Leakage Current
VCC = 0 to 6V
-1
+1
µA


Similar Part No. - MAX7359ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7359ETG++ MAXIM-MAX7359ETG+ Datasheet
246Kb / 22P
   2-Wire Interfaced Low-EMI Key Switch Controller/GPO
Rev 4; 6/10
More results

Similar Description - MAX7359ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7359 MAXIM-MAX7359 Datasheet
246Kb / 22P
   2-Wire Interfaced Low-EMI Key Switch Controller/GPO
Rev 4; 6/10
MAX7347 MAXIM-MAX7347 Datasheet
347Kb / 29P
   2-Wire Interfaced Low-EMI Key Switch and Sounder Controllers
Rev 5; 5/07
MAX7365 MAXIM-MAX7365 Datasheet
1Mb / 31P
   1MHz I2C-Interfaced 8 x 7 Key-Switch Controller with GPIO Ports
19-6036; Rev 0; 9/11
MAX7360 MAXIM-MAX7360 Datasheet
1Mb / 31P
   I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
Rev 0; 4/09
MAX7360 MAXIM-MAX7360_11 Datasheet
1Mb / 32P
   I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
Rev 1; 8/10
logo
STMicroelectronics
STLED316S STMICROELECTRONICS-STLED316S Datasheet
82Kb / 4P
   Serial-Interfaced 6-Digit LED controller with key scan
logo
Maxim Integrated Produc...
MAX6853 MAXIM-MAX6853 Datasheet
487Kb / 35P
   2-Wire Interfaced, 5 . 7 Matrix Vacuum- Fluorescent Display Controller
Rev 0; 10/02
MAX7360 MAXIM-MAX7360_V01 Datasheet
894Kb / 32P
   I 2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
19-4566; Rev 3; 7/19
MAX6955 MAXIM-MAX6955 Datasheet
552Kb / 39P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 0; 7/02
MAX6955 MAXIM-MAX6955_15 Datasheet
497Kb / 40P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com