Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7360EWX+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX7360EWX+
Description  I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7360EWX+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX7360EWX+ Datasheet HTML 7Page - Maxim Integrated Products MAX7360EWX+ Datasheet HTML 8Page - Maxim Integrated Products MAX7360EWX+ Datasheet HTML 9Page - Maxim Integrated Products MAX7360EWX+ Datasheet HTML 10Page - Maxim Integrated Products MAX7360EWX+ Datasheet HTML 11Page - Maxim Integrated Products MAX7360EWX+ Datasheet HTML 12Page - Maxim Integrated Products MAX7360EWX+ Datasheet HTML 13Page - Maxim Integrated Products MAX7360EWX+ Datasheet HTML 14Page - Maxim Integrated Products MAX7360EWX+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
I2C-Interfaced Key-Switch Controller and LED
Driver/GPIOs with Integrated ESD Protection
______________________________________________________________________________________ 11
GPOs. The settings in this register are ignored for ports
not configured as GPOs, and a read from this register
returns the values stored in the register (see Table 11 in
the Register Tables section).
Autorepeat Register (0x05)
The MAX7360 autorepeat feature notifies the host that at
least one key has been pressed for a continuous period.
The autorepeat register enables or disables this feature,
sets the time delay after the last key event before the key
repeat code (0x7E) is entered into the FIFO, and sets
the frequency at which the key-repeat code is entered
into the FIFO thereafter. Bit D7 specifies whether the
autorepeat function is enabled with 0 denoting autorepeat
disabled, and 1 denoting autorepeat enabled. Bits D0–
D3 specify the autorepeat delay in terms of debounce
cycles ranging from 8–128 debounce cycles (see Table
12 in the Register Tables section). Bits D4, D5, and D6
specify the autorepeat rate or frequency ranging from
4–32 debounce cycles.
When autorepeat is enabled, holding the key pressed
results in a key-repeat event that is denoted by 0x7E. The
key being pressed does not show up again in the FIFO.
Only one autorepeat code is entered into the FIFO,
regardless of the number of keys pressed. The
autorepeat code continues to be entered in the FIFO at
the frequency set by bits D4–D1 until another key event
is recorded. Following the key-release event, if any keys
are still pressed, the MAX7360 restarts the autorepeat
sequence.
Autosleep Register (0x06)
Autosleep puts the MAX7360 in sleep mode to draw
minimal current. When enabled, the MAX7360 enters
sleep mode if no keys are pressed for the autosleep time
(see Table 13 in the Register Tables section).
Key-Switch Sleep Mode
In sleep mode, the MAX7360 draws minimal current.
Switch-matrix current sources are turned off and pulled
up to VCC. When autosleep is enabled, key-switch
inactivity for a period longer than the autosleep time
puts the part into sleep mode (FIFO data is maintained).
Writing a 1 to D7, or a keypress, can take the MAX7360
out of sleep mode. Bit D7 in the configuration register
gives the sleep-mode status and can be read any time.
The FIFO data is maintained while in sleep mode.
Autowake
Keypresses initiate autowake and the MAX7360 goes into
operating mode. Keypresses that autowake the MAX7360
are not lost. When a key is pressed while the MAX7360
is in sleep mode, all analog circuitry, including switch-
matrix current sources, turn on in 2ms. The initial key
needs to be pressed for 2ms plus the debounce time to
be stored in the FIFO. Write a 0 to D1 in the configuration
register (0x01) to disable autowakeup.
GPIOs
The MAX7360 has eight GPIO ports with LED control
functions. The ports can be used as logic inputs, logic
outputs, or constant-current PWM LED drivers. In
addition, PORT7 and PORT8 can function as a rotary
switch input pair. When in PWM mode, the ports are set
up to start their PWM cycle in 45N phase increments. This
prevents large current spikes on the LED supply voltage
when driving multiple LEDs.
GPIO Global Configuration Register (0x40)
The GPIO global configuration register controls the main
settings for the eight GPIOs (see Table 14 in the Register
Tables section).
Bit D7 enables PORT[7:6] as inputs for a rotary switch.
Bit D5 enables interrupt generation for I2C timeouts.
D4 is the main enable/shutdown bit for the GPIOs. D3
functions as a software reset for the GPIO registers (0x40
to 0x5F). Bits D[2:0] set the fade in/out time for the GPIOs
configured as constant-current sinks.
GPIO Control Register (0x41)
The GPIO control register configures each port as either
an input or an output (see Table 15 in the Register Tables
section). All GPIOs allow individual configurations,
and power up as inputs. Enabling rotary switch mode
automatically sets D7 and D6 as inputs. The ports
consume additional current if their inputs are left undriven.
GPIO Debounce Configuration Register (0x42)
The GPIO debounce configuration register sets the
amount of time a GPIO must be held for the MAX7360
to register a logic transition (see Table 16 in the
Register Tables section). The GPIO debounce setting
is independent of the key-switch debounce setting. Five
bits (D[4:0]) set 32 possible debounce times from 9ms
up to 40ms.


Similar Part No. - MAX7360EWX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7360EWX++ MAXIM-MAX7360EWX+ Datasheet
1Mb / 32P
   I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
Rev 1; 8/10
MAX7360EWX++ MAXIM-MAX7360EWX+ Datasheet
894Kb / 32P
   I 2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
19-4566; Rev 3; 7/19
More results

Similar Description - MAX7360EWX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7360 MAXIM-MAX7360_11 Datasheet
1Mb / 32P
   I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
Rev 1; 8/10
MAX7360 MAXIM-MAX7360_V01 Datasheet
894Kb / 32P
   I 2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
19-4566; Rev 3; 7/19
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370 MAXIM-MAX7370_12 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
MAX7306 MAXIM-MAX7306 Datasheet
314Kb / 25P
   SMBus/I2C Interfaced 4-Port, Level-Translating GPIOs and LED Drivers
Rev 0; 6/07
MAX7365 MAXIM-MAX7365 Datasheet
1Mb / 31P
   1MHz I2C-Interfaced 8 x 7 Key-Switch Controller with GPIO Ports
19-6036; Rev 0; 9/11
MAX7306 MAXIM-MAX7306_10 Datasheet
308Kb / 23P
   SMBus/I2C Interfaced 4-Port, Level-Translating GPIOs and LED Drivers
Rev 1; 8/10
logo
STMicroelectronics
STLED316S STMICROELECTRONICS-STLED316S Datasheet
82Kb / 4P
   Serial-Interfaced 6-Digit LED controller with key scan
logo
Maxim Integrated Produc...
MAX7304 MAXIM-MAX7304 Datasheet
1Mb / 28P
   I2C-Interfaced 16-Port, Level-Translating GPIO and LED Driver with High Level of Integrated
Rev 0; 6/11
logo
Shanghai awinic technol...
AW9233 AWINIC-AW9233 Datasheet
2Mb / 48P
   3-Key Capacitive Touch Controller Integrated with 3-LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com