Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPI220411F2523 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPI220411F2523
Description  Miniature SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI220411F2523 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPI220411F2523 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CSIXXXXXXF2523
Rev. 1
9/11/01
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Primary Specification
Features of the EPI “F2523” Series of Miniature SMT Power Inductors
• Virtually no limit on V µSec as long as max. RMS Current Limit •
and Temperature Rise Limit are not exceeded
• Low loss material ensures operation in high frequency switching •
converters, such as Buck, Boost or as output averaging filter inductor
• Low cost Robust construction to withstand most SMT processes •
• Also suitable for use in high quality filter applications •
Miniature SMT Power Inductor
---
.228
.080
---
.026
---
.138
.118
.079
Nom.
Dimensions
A
B
C
D
E
F
N
P
Q
Dim.
Min.
.248
---
---
.228
---
.220
---
---
---
Max.
(Inches)
(Millimeters)
---
---
---
---
---
---
---
---
---
Min.
6.30
---
---
5.80
---
5.60
---
---
---
Max.
---
---
---
---
---
---
---
---
---
---
5.80
2.03
---
.660
---
3.50
3.00
2.00
Nom.
Product performance is limited to specific parameters. Data subject to change without prior notice.
.47
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
27
33
47
Inductance
(µH ± 20%)
@ 0 Adc
DCR
(
Ω Max.)
0.058
0.062
0.075
0.093
0.10
0.11
0.13
0.14
0.22
0.26
0.35
0.38
0.58
Inductance
(µH Min.)
@ I Sat.
0.33
0.7
1.05
1.54
2.31
3.29
4.76
7.00
10.5
15.4
18.9
23.1
33.0
I rms
(mA Max.)
2100
2000
1800
1500
1300
1100
950
800
700
600
500
450
400
I Saturation
(mA)
2700
1900
1600
1300
1100
900
750
620
500
410
370
340
280
Part
Number
EPI0L5272F2523
EPI1L0192F2523
EPI1L5162F2523
EPI2L2132F2523
EPI3L3112F2523
EPI4L7901F2523
EPI6L8751F2523
EPI100621F2523
EPI150501F2523
EPI220411F2523
EPI270371F2523
EPI330341F2523
EPI470281F2523
Note :
1. Temperature Rise : 40°C Typ.
2. Inductance Change at I Saturation : 30% Max.
µSec.
V
I (peak)
t
A
E
C
B
D
Q
N
Bottom
P
P
Package F2523
E
Pad Layout
EPI F2523 Series


Similar Part No. - EPI220411F2523

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI220411F1818L PCA-EPI220411F1818L Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
More results

Similar Description - EPI220411F2523

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3894 PCA-EPA3894 Datasheet
22Kb / 1P
   Miniature SMT Power Inductor
EPI1L0402F2220 PCA-EPI1L0402F2220 Datasheet
36Kb / 1P
   Miniature SMT Power Inductor
EPI1L0292C PCA-EPI1L0292C Datasheet
38Kb / 1P
   Miniature SMT Power Inductor
EPI1L0501F1210 PCA-EPI1L0501F1210 Datasheet
35Kb / 1P
   Miniature SMT Power Inductor
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com