Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8586ETA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8586ETA
Description  Single 1.2A USB Switch in 3mm x 3mm TDFN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8586ETA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8586ETA Datasheet HTML 4Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 5Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 6Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 7Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 8Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 9Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 10Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 11Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Single 1.2A USB Switch in
3mm x 3mm TDFN
8
_______________________________________________________________________________________
Detailed Description
Current-Limit Protection
The MAX8586 uses two methods to protect the circuit
from overcurrent conditions. Continuous current limiting
has tighter accuracy but slower response time com-
pared to short-circuit limiting. Combining both methods
provides a high degree of protection for a variety of
faults. When a current-limit fault occurs with VOUT
greater than 1V, the device operates in continuous cur-
rent-limit mode and limits output current to a user-pro-
grammable level. When VOUT is less than 1V, the
device operates in short-circuit current-limit mode and
pulses the output current to levels that are 30% (typ)
higher than the selected continuous current limit.
When either fault condition persists for 20ms (typ), the
fault flag is asserted. With the auto-restart enabled
(ENRESET high) the output also latches off and is test-
ed with a 25mA current to detect when the fault condi-
tion has been removed. 20ms after the fault condition is
removed, the output automatically restarts. With the
auto-restart disabled (ENRESET low), the output contin-
ues to source the current-limit current as long as the
fault is present.
Reverse Current Protection
The USB specification does not allow an output device
to source current back into the USB port. However, the
MAX8586 is designed to safely power noncompliant
devices. During normal operation with the channel
enabled, if the current from the output to the input
exceeds 1A (typ) for more than 20ms (typ), the IC turns
off the switch and the FAULT flag is asserted. When the
IC is disabled, the output is switched to a high-imped-
ance state, blocking reverse current flow from the out-
put back to the input.
On/Off Control and UVLO
The MAX8586 has a selectable active-high/low ON
polarity. Drive SEL high to select an active-high for ON;
drive SEL low to select active-low for ON. The
MAX8586 includes a UVLO circuit to prevent erroneous
switch operation when the input voltage goes low dur-
ing startup and brownout conditions. Input voltages of
less than +2.5V (typ) inhibit operation of the device.
FAULT asserts low during a UVLO condition.
Output Fault Protection and Auto-Restart
The MAX8586 uses an auto-restart function to detect
short-circuit removal by sourcing 25mA from the output
and monitoring the output voltage. When the voltage at
the output exceeds 0.5V for 20ms, the fault flag releases,
the output turns back on, and the 25mA current source
turns off. Active loads are not expected to draw measur-
able current when supplied with less than 0.5V. The auto-
restart function is enabled when ENRESET is high. Drive
ENRESET low to disable the auto-restart function. When
the auto-restart function is disabled, OUT regulates the
current to the programmed current limit.
Fault Indicator and Fault Blanking
The MAX8586 provides an open-drain output (FAULT)
to signal fault conditions. Connect FAULT to IN through
a 100k
Ω pullup resistor for most applications. FAULT
asserts low when any of the following conditions occur:
The input voltage is below the UVLO threshold.
The switch junction temperature exceeds the
+160°C thermal-shutdown temperature limit.
The switch is in current-limit or short-circuit current-
limit mode for longer than the fault-blanking period
(20ms typ).
The reverse current exceeds the 1A threshold for
longer than the fault-blanking period (20ms typ).
When auto-restart is enabled, the FAULT output goes
high impedance after a 20ms delay once the fault con-
dition is removed. With auto-restart disabled, during the
fault the output is tested every 20ms. When the fault is
removed, the FAULT output goes high impedance after
a delay that can be up to 20ms. Ensure that the
MAX8586 input bypass capacitance prevents glitches
from triggering the FAULT output. To distinguish large
capacitive loads from short circuits or sustained over-
loads, the MAX8586 has a fault-blanking circuit. When
a load transient causes the output to enter current limit,
an internal counter monitors the duration of the fault.
For load faults exceeding the 20ms fault-blanking time,
the switch turns off, FAULT asserts low, and the output
enters auto-restart mode (see the
Current-Limit
Protection and Output Fault Protection and Auto-Restart
sections). Only current-limit and short-circuit faults are
blanked. Thermal-overload faults and input voltages
below the UVLO threshold immediately turn the output
off and assert FAULT low.
Fault blanking allows the MAX8586 to handle USB
loads that might not be fully compliant with USB specifi-
cations. The MAX8586 successfully powers USB loads
with additional bypass capacitance and/or large start-
up currents while protecting the upstream power
source. No fault is reported if the switch brings up the
load within the 20ms blanking period.


Similar Part No. - MAX8586ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8586ETA MAXIM-MAX8586ETA Datasheet
245Kb / 11P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 0; 11/04
More results

Similar Description - MAX8586ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8586 MAXIM-MAX8586 Datasheet
245Kb / 11P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 0; 11/04
MAX1558 MAXIM-MAX1558 Datasheet
210Kb / 12P
   Dual, 3mm x 3mm, 1.2A/Programmable-Current USB Switches with Autoreset
Rev 0; 6/04
MAX1558 MAXIM-MAX1558_V01 Datasheet
243Kb / 14P
   Dual, 3mm x 3mm, 1.2A/Programmable-Current USB Switches with Autoreset
2008
logo
Linear Technology
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
logo
Maxim Integrated Produc...
MAX38904BEVK MAXIM-MAX38904BEVK Datasheet
414Kb / 6P
   Evaluates the MAX38904B IC in a 10-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX1574 MAXIM-MAX1574 Datasheet
214Kb / 9P
   180mA, 1x/2x, White LED Charge Pump in 3mm x 3mm TDFN
19-3117; Rev 0; 12/03
MAX38908EVK MAXIM-MAX38908EVK Datasheet
531Kb / 7P
   Evaluates the MAX38908 IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 8/19
MAX38904AEVK MAXIM-MAX38904AEVK Datasheet
411Kb / 6P
   Evaluates the MAX38904A IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX25302EVKIT MAXIM-MAX25302EVKIT Datasheet
455Kb / 7P
   Evaluates the MAX25302A/MAX25302B IC in a 10-pin (3mm x 3mm) TDFN
2021
logo
Linear Technology
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com