Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8586ETA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8586ETA
Description  Single 1.2A USB Switch in 3mm x 3mm TDFN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8586ETA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8586ETA Datasheet HTML 5Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 6Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 7Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 8Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 9Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 10Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 11Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 12Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Because the package power dissipation is 1951mW, the
MAX8586 die temperature exceeds the +160°C thermal-
shutdown threshold when dissipating 7.2W, and the
switch output shuts down until the junction temperature
cools by 15°C. The duty cycle and period are strong
functions of the ambient temperature and the PC board
layout (see the
Thermal Shutdown section).
If the output current exceeds the current-limit threshold,
or the output voltage is pulled below the short-circuit
detect threshold, the MAX8586 enters a fault state after
20ms, at which point auto-restart mode is enabled and
25mA is sourced by the output to test for removal of the
overload. For a 5V input, OUT short circuited to GND,
and auto-restart mode active, the power dissipation is
as follows:
P = 0.025A x 5V = 0.125W
Single 1.2A USB Switch in
3mm x 3mm TDFN
10
______________________________________________________________________________________
Chip Information
TRANSISTOR COUNT: 2117
PROCESS: BiCMOS
INPUT SUPPLY
2.75V TO 5.5V
OUTPUT
FAULT
INDICATOR
ON/OFF
POLARITY
SELECTION
CONTROL/
ON/OFF
OUTPUT SUPPLY
UP TO 1.2A
IN
OUT
ENRESET
ISET
FAULT
MAX8586
SEL
ON
GND
AUTO-RESTART
ON/OFF
R2
26k
Ω
R1
100k
Ω
C2
1
μF
C1
1
μF
Figure 1. Typical Application Circuit
SEL
ISET
ON
IN
ENRESET
GND
FAULT
OUT
MAX8586
TDFN
8
7
5
1
2
6
3
4
TOP VIEW
Pin Configuration


Similar Part No. - MAX8586ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8586ETA MAXIM-MAX8586ETA Datasheet
245Kb / 11P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 0; 11/04
More results

Similar Description - MAX8586ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8586 MAXIM-MAX8586 Datasheet
245Kb / 11P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 0; 11/04
MAX1558 MAXIM-MAX1558 Datasheet
210Kb / 12P
   Dual, 3mm x 3mm, 1.2A/Programmable-Current USB Switches with Autoreset
Rev 0; 6/04
MAX1558 MAXIM-MAX1558_V01 Datasheet
243Kb / 14P
   Dual, 3mm x 3mm, 1.2A/Programmable-Current USB Switches with Autoreset
2008
logo
Linear Technology
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
logo
Maxim Integrated Produc...
MAX38904BEVK MAXIM-MAX38904BEVK Datasheet
414Kb / 6P
   Evaluates the MAX38904B IC in a 10-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX1574 MAXIM-MAX1574 Datasheet
214Kb / 9P
   180mA, 1x/2x, White LED Charge Pump in 3mm x 3mm TDFN
19-3117; Rev 0; 12/03
MAX38908EVK MAXIM-MAX38908EVK Datasheet
531Kb / 7P
   Evaluates the MAX38908 IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 8/19
MAX38904AEVK MAXIM-MAX38904AEVK Datasheet
411Kb / 6P
   Evaluates the MAX38904A IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX25302EVKIT MAXIM-MAX25302EVKIT Datasheet
455Kb / 7P
   Evaluates the MAX25302A/MAX25302B IC in a 10-pin (3mm x 3mm) TDFN
2021
logo
Linear Technology
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com