Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8600 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8600
Description  Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8600 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8600 Datasheet HTML 3Page - Maxim Integrated Products MAX8600 Datasheet HTML 4Page - Maxim Integrated Products MAX8600 Datasheet HTML 5Page - Maxim Integrated Products MAX8600 Datasheet HTML 6Page - Maxim Integrated Products MAX8600 Datasheet HTML 7Page - Maxim Integrated Products MAX8600 Datasheet HTML 8Page - Maxim Integrated Products MAX8600 Datasheet HTML 9Page - Maxim Integrated Products MAX8600 Datasheet HTML 10Page - Maxim Integrated Products MAX8600 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Detailed Description
DC Charging
The MAX8600/MAX8601 are designed to charge a sin-
gle-cell Li+ battery from a DC source voltage between
4.15V and 7V. The precharge current, charge current,
and top-off threshold are programmable with RSETI.
USB Charging (MAX8601)
The MAX8601 contains a USB input that allows opera-
tion from either a DC source or a USB port. A USEL input
allows the user to select either a 100mA or 500mA maxi-
mum charging current when using the USB input. If both
VUSB and VDC are valid, the MAX8601 operates from
DC. If VDC is invalid (undervoltage/overvoltage), the
MAX8601 operates from USB. When charging at 100mA
from the USB input, the fast-charge timer is inhibited.
EN Charger-Enable Input
EN is a logic input (active low) that enables the charger.
Drive EN high to disable the charger-control circuitry.
Drive EN low or connect to GND for normal operation.
Soft-Start
To prevent input transients, the rate of change of
charging current is limited. When the charger is turned
on or when the input source is changed, charge current
is ramped from 0 to the set current value in typically
1.2ms. This also means that if charging is taking place
from USB, and the DC input is then powered, charge
current falls to zero and then is reramped to the DC
charge rate. This is done to ensure that the DC source
is not subjected to a severe load current step.
Charge-current ramp up is also limited when transition-
ing from prequal to fast-charge, and when changing
the USB charge current from 100mA to 500mA with
USEL. There is no di/dt limiting, however, if ISET is
changed suddenly using a switch at RSETI.
Thermal-Limit Control
The MAX8600/MAX8601 feature a thermal limit that
reduces the charge current when the die temperature
exceeds +100°C. As the temperature increases above
+100°C, the IC lowers the charge current by 5%/°C.
CHG Charge-Indicator Output
CHG is an open-drain output that indicates charger sta-
tus. CHG goes low during charge cycles where VBAT is
greater than 3V and IBAT is greater than 7.5% of the
maximum charge current set by RSETI. When the
MAX8600/MAX8601 are used in conjunction with a
microprocessor (µP), connect a pullup resistor between
CHG and the logic I/O voltage to indicate charge status
to the µP. Alternatively, CHG can sink up to 20mA for
an LED charge indicator.
Fault Indicator (
FLT)
The MAX8600/MAX8601 contain an open-drain FLT
output to signal the user when a fault occurs. FLT goes
low if the charger is in prequal and the prequal timer
expires, or if the charger is in fast-charge and the fast-
charge time expires. FLT does NOT go low if the THM
thermistor temperature is out of range. Toggle EN or
the input power to reset the FLT indicator.
Power-OK Indicator (
POK)
The MAX8600/MAX8601 contain an open-drain POK out-
put that goes low when a valid input source is detected
at DC or USB (MAX8601 only). A valid input source is
one whose voltage is between 4.15V and 7V and
exceeds the battery voltage by 320mV. After a valid
input has been established, charging is sustained with
inputs as low as 3.5V as long as the input voltage
remains above the battery voltage by at least 55mV (typ).
POK is high impedance when the charger is disabled.
Applications Information
Figure 2 shows the typical operating circuit for the
MAX8601. The following section describes component
changes for different charging current and timer durations.
Single-/Dual-Input 1-Cell Li+ Chargers with
OVP Protection and Programmable Charge Timer
_______________________________________________________________________________________
7
BAT
NTC
10k
Ω AT
+25
°C
RSETI
2k
Ω
CT
THM
AC ADAPTER
4.5V TO 7V
(OVP TO 16V)
USB PORT
4.5V TO 5.5V
GND
USB
EN
OFF
ON
FLT
TO LOGIC
SUPPLY
(3.3V)
100k
Ω
100k
Ω
330
Ω
FAULT
POWER-OK
CCT
0.068
μF
1
μF
DC
SETI
USEL
POK
CHG
MAX8601
500mA
100mA
2.2
μF
Figure 2. Typical Operating Circuit for USB/AC-Adapter Input
Charger. An RSETI of 2k
Ω sets an AC adapter fast-charge of
750mA.


Similar Part No. - MAX8600

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8600 MAXIM-MAX8600 Datasheet
175Kb / 12P
   Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 1; 3/05
MAX8600 MAXIM-MAX8600 Datasheet
522Kb / 6P
   Programmable On-Chip Charge Timers
Rev 0; 8/05
MAX8600A MAXIM-MAX8600A Datasheet
177Kb / 12P
   Single-Input 1-Cell Li Charger with OVP Protection and Programmable Charge Timer
Rev 1; 1/09
MAX8600AETD++ MAXIM-MAX8600AETD+ Datasheet
177Kb / 12P
   Single-Input 1-Cell Li Charger with OVP Protection and Programmable Charge Timer
Rev 1; 1/09
MAX8600ETD MAXIM-MAX8600ETD Datasheet
175Kb / 12P
   Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 1; 3/05
More results

Similar Description - MAX8600

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8600 MAXIM-MAX8600 Datasheet
175Kb / 12P
   Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 1; 3/05
MAX8600A MAXIM-MAX8600A Datasheet
177Kb / 12P
   Single-Input 1-Cell Li Charger with OVP Protection and Programmable Charge Timer
Rev 1; 1/09
MAX1874 MAXIM-MAX1874_V01 Datasheet
906Kb / 17P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874 Datasheet
405Kb / 16P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
Rev 0; 7/03
logo
Lowpower Semiconductor ...
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
   1A Single-chip Li-ion and Li-POL Charge with OVP
LP28292 POWER-LP28292 Datasheet
363Kb / 10P
   1.5A Single-chip Li-ion and Li-POL Charge with OVP
logo
Microchip Technology
MCP73213 MICROCHIP-MCP73213 Datasheet
537Kb / 34P
   Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73113 MICROCHIP-MCP73113_13 Datasheet
766Kb / 34P
   Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com