Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8601 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8601
Description  Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8601 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8601 Datasheet HTML 1Page - Maxim Integrated Products MAX8601 Datasheet HTML 2Page - Maxim Integrated Products MAX8601 Datasheet HTML 3Page - Maxim Integrated Products MAX8601 Datasheet HTML 4Page - Maxim Integrated Products MAX8601 Datasheet HTML 5Page - Maxim Integrated Products MAX8601 Datasheet HTML 6Page - Maxim Integrated Products MAX8601 Datasheet HTML 7Page - Maxim Integrated Products MAX8601 Datasheet HTML 8Page - Maxim Integrated Products MAX8601 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Single-/Dual-Input 1-Cell Li+ Chargers with
OVP Protection and Programmable Charge Timer
_______________________________________________________________________________________
5
PIN
MAX8600
MAX8601
NAME
FUNCTION
1
1, 7
BAT
Battery Connection. The IC delivers charging current and monitors battery voltage using BAT.
Bypass BAT to GND with a 2.2µF or larger ceramic capacitor. Connect both BAT inputs
together externally (MAX8601). BAT is high impedance when the IC is disabled.
2
2
SETI
DC Charge-Current Programming Input. Connect a resistor from SETI to GND to set the
maximum charging current when using the DC input, the prequal current from either input,
and the CHG turn-off threshold.
3
3
THM
Thermistor Input. Connect a 10k
Ω NTC thermistor, in close proximity to the battery, from THM
to ground to monitor the battery temperature. Connect THM to GND to disable the thermistor
functionality. The IC suspends charging when RTHM is outside the hot and cold limits.
4
4
GND
Ground
55
CT
Timing Capacitor Input. Connect a capacitor from CT to GND to set the precharge timeout,
top-off time, and fast-charge timeout. Connect CT to GND to disable the timers.
6, 7, 9
N.C.
No Connection. Make no external circuit connection.
88
EN
Active-Low Enable Input. Drive low or connect EN to GND to enable the charger. Drive EN
high to disable the charger.
10
10
POK
Power-OK Monitor. POK is an open-drain output that pulls low when a valid charging source is
detected at either DC or USB (MAX8601). POK is high impedance when EN is high.
11
11
CHG
Charging-Status Output. CHG goes low when the battery is above 3V and being charged with
a current greater than 7.5% of the current programmed with RSETI. CHG is high impedance
when the charger is in prequal, top-off, or disabled.
Pin Description
Typical Operating Characteristics (continued)
(VDC = 5V, RSETI = 2k
Ω, VBAT = 3.6V, MAX8601 evaluation kit with thermal resistance of 50°C/W. TA = +25°C, unless otherwise noted.)
100
400
300
200
500
600
700
800
900
1000
1100
-40
10
-15
35
60
85
CHARGE CURRENT vs. AMBIENT
TEMPERATURE (1A CHARGE)
TA (
°C)
VBAT = 4V
VBAT = 3.6V
RSETI = 1.5k
Ω
0
100
200
300
400
500
600
700
800
0.010
0.045
0.080
0.115
0.150
FAST-CHARGE TIME vs. CCT
CCT (
μF)


Similar Part No. - MAX8601

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8601 MAXIM-MAX8601 Datasheet
175Kb / 12P
   Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 1; 3/05
MAX8601 MAXIM-MAX8601 Datasheet
522Kb / 6P
   Programmable On-Chip Charge Timers
Rev 0; 8/05
MAX8601ETD MAXIM-MAX8601ETD Datasheet
175Kb / 12P
   Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 1; 3/05
MAX8601EVKIT MAXIM-MAX8601EVKIT Datasheet
522Kb / 6P
   Programmable On-Chip Charge Timers
Rev 0; 8/05
More results

Similar Description - MAX8601

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8600 MAXIM-MAX8600 Datasheet
175Kb / 12P
   Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 1; 3/05
MAX8600A MAXIM-MAX8600A Datasheet
177Kb / 12P
   Single-Input 1-Cell Li Charger with OVP Protection and Programmable Charge Timer
Rev 1; 1/09
MAX1874 MAXIM-MAX1874_V01 Datasheet
906Kb / 17P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874 Datasheet
405Kb / 16P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
Rev 0; 7/03
logo
Lowpower Semiconductor ...
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
   1A Single-chip Li-ion and Li-POL Charge with OVP
LP28292 POWER-LP28292 Datasheet
363Kb / 10P
   1.5A Single-chip Li-ion and Li-POL Charge with OVP
logo
Microchip Technology
MCP73213 MICROCHIP-MCP73213 Datasheet
537Kb / 34P
   Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73113 MICROCHIP-MCP73113_13 Datasheet
766Kb / 34P
   Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com