Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPI1L9133F5050 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPI1L9133F5050
Description  Surface Mount Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI1L9133F5050 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPI1L9133F5050 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CSIXXXXXXF5050
Rev. -
11/12/01
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Primary Specification
Features of the EPI “F5050” Series of Miniature SMT Power Inductors
• Virtually no limit on V µSec as long as max. RMS Current Limit •
and Temperature Rise Limit are not exceeded
• Low loss material ensures operation in high frequency switching •
converters, such as Buck, Boost or as output averaging filter inductor
• Low cost Robust construction to withstand most SMT processes •
• Also suitable for use in high quality filter applications •
Surface Mount Power Inductor
---
---
---
.366
.181
.220
.539
.406
Nom.
Dimensions
A
B
C
D
E
F
G
H
Dim.
Min.
.515
.515
.197
---
---
---
---
---
Max.
(Inches)
(Millimeters)
---
---
---
---
---
---
---
---
Min.
13.08
13.08
5.00
---
---
---
---
---
Max.
---
---
---
---
---
---
---
---
---
---
---
9.30
4.60
5.60
13.70
10.30
Nom.
Product performance is limited to specific parameters. Data subject to change without prior notice.
1.05
1.9
2.8
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
Inductance
(µH ± 20%) @ 0 Adc
DCR
(
Ω Max.)
.0055
.0075
.0098
.0096
.0155
.022
.033
.044
.061
.090
.148
.166
.262
.410
.557
.880
1.23
1.66
2.68
I rms
(A Max.)
12.2
9.6
8.1
7.6
6.5
5.1
4.3
3.6
3.3
2.5
2.1
1.8
1.4
1.2
1.0
0.9
0.7
0.6
0.5
IDC
(A)
17.7
12.9
10.5
9.1
7.8
6.6
5.4
4.4
3.7
2.9
2.4
2.0
1.7
1.3
1.1
0.9
0.8
0.6
0.5
Part
Number
EPI1L0173F5050
EPI1L9133F5050
EPI2L8103F5050
EPI3L3912F5050
EPI4L7782F5050
EPI6L8662F5050
EPI100542F5050
EPI150442F5050
EPI220372F5050
EPI330292F5050
EPI470242F5050
EPI680202F5050
EPI101172F5050
EPI151132F5050
EPI221112F5050
EPI331901F5050
EPI471801F5050
EPI681601F5050
EPI102501F5050
µSec.
V
I (peak)
t
Package F5050
AC
D
B
G
H
F
E
Suggested
Pad Layout
Note :
1. Temperature Rise : 50°C Typ. @ Irms
2. Inductance Change at Idc : 10% Typ.
EPI F5050 Series


Similar Part No. - EPI1L9133F5050

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI1L9802B38 PCA-EPI1L9802B38 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
EPI1L9802B38 PCA-EPI1L9802B38 Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
More results

Similar Description - EPI1L9133F5050

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L8103B44 PCA-EPI0L8103B44 Datasheet
58Kb / 1P
   Surface Mount Power Inductor
EPI1L7312B30 PCA-EPI1L7312B30 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
EPI6L5972BH68 PCA-EPI6L5972BH68 Datasheet
33Kb / 1P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
EPI0L4592KSP45 PCA-EPI0L4592KSP45 Datasheet
59Kb / 2P
   Surface Mount Power Inductor
EPI1L4143BH44 PCA-EPI1L4143BH44 Datasheet
52Kb / 1P
   Surface Mount Power Inductor
EPI1L0303D PCA-EPI1L0303D Datasheet
40Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
30000B MURATA-30000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI100232G3229 PCA-EPI100232G3229 Datasheet
42Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
3000B MURATA-3000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI0L3143KSP56 PCA-EPI0L3143KSP56 Datasheet
53Kb / 2P
   Surface Mount Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com