Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8625A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8625A
Description  High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8625A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8625A Datasheet HTML 1Page - Maxim Integrated Products MAX8625A Datasheet HTML 2Page - Maxim Integrated Products MAX8625A Datasheet HTML 3Page - Maxim Integrated Products MAX8625A Datasheet HTML 4Page - Maxim Integrated Products MAX8625A Datasheet HTML 5Page - Maxim Integrated Products MAX8625A Datasheet HTML 6Page - Maxim Integrated Products MAX8625A Datasheet HTML 7Page - Maxim Integrated Products MAX8625A Datasheet HTML 8Page - Maxim Integrated Products MAX8625A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
High-Efficiency, Seamless Transition,
Step-Up/Down DC-DC Converter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 3.6V, ON = SKIP = IN, FB = GND, VOUT = 3.3V, LX_ unconnected, CREF = C5 = 0.1µF to GND, Figure 4. TA = -40°C to +85°C.
Typical values are at TA = +25°C, unless otherwise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, OUT, SKIP, ON to GND ......................................-0.3V to +6V
REF, FB, to GND...............................................-0.3V, (IN + 0.3V)
LX2, LX1 (Note 1) .........................................................±1.5ARMS
Continuous Power Dissipation (TA = +70°C)
Single-Layer Board (derate 18.5mW/°C
above TA = +70°C) ...................................................1482mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Range
VIN
2.5
5.5
V
UVLO Threshold
UVLO
VIN rising, 60mV hysteresis
2.20
2.49
V
Quiescent Supply Current, FPWM
Mode, Switching
IIN
No load, VOUT = 3.2V
15
22
mA
Quiescent Supply Current, Skip
Mode, Switching
IIN
SKIP = GND, no load
37
µA
Quiescent Supply Current, No
Switching, Skip Mode
IIN
SKIP = GND, FB = 1.3V
35
45
µA
ON = GND, TA = +25°C
0.1
1
Shutdown Supply Current
IIN
TA = +85°C
0.2
µA
PWM mode, VIN = 2.5V to 5.5V
3.30
V
IOUT = 0 to 0.5A, VIN = 2.5V to 5.5V,
TA = -40°C to +85°C (Note 3)
-1
+1
%
SKIP mode, valley regulation value
3.28
V
Average skip voltage
3.285
Output Voltage Accuracy
(Fixed Output)
Load step +0.5A
-3
%
Output Voltage Range
(Adjustable Output)
1.25
4.00
V
Maximum Output Current
VIN = 3.6V
0.80
A
Soft-Start
L = 3.3µH; COUT = C3 + C4 = 44µF
250
mA/ms
Load Regulation
IOUT = 0 to 500mA
0.1
%/A
Line Regulation
VIN = 2.5V to 5.5V
0.03
%/V
OUT Bias Current
IOUT
VOUT = 3.3V
3
µA
REF Output Voltage
VREF
VIN = 2.5V to 5.5V
1.244
1.25
1.256
V
REF Load Regulation
IREF = 10µA
1
mV
FB Feedback Threshold
VFB
IOUT = 0 to full load, PWM mode; VIN = 2.5V
to 5.5V
1.244
1.25
1.258
V
Note 1: LX1 and LX2 have internal clamp diodes to IN, PGND and OUT, PGND, respectively. Applications that forward bias these
diodes should take care not to exceed the device's power-dissipation limits.


Similar Part No. - MAX8625A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8625A MAXIM-MAX8625A Datasheet
470Kb / 15P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 0; 3/08
MAX8625A MAXIM-MAX8625A Datasheet
478Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 2; 10/08
MAX8625A MAXIM-MAX8625A Datasheet
100Kb / 7P
   Programmable Output Voltage from 1.25V to 4.2V
Rev 2; 4/09
MAX8625AETD++ MAXIM-MAX8625AETD+ Datasheet
470Kb / 15P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 0; 3/08
MAX8625AETD++ MAXIM-MAX8625AETD+ Datasheet
478Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 2; 10/08
More results

Similar Description - MAX8625A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8625 MAXIM-MAX8625 Datasheet
609Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
19-1006; Rev 4; 4/09
MAX8625A MAXIM-MAX8625A_08 Datasheet
478Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 2; 10/08
MAX8625A MAXIM-MAX8625A Datasheet
470Kb / 15P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 0; 3/08
MAX8625A MAXIM-MAX8625A_09 Datasheet
550Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 4; 4/09
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com