Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8640YEXT16+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8640YEXT16+T
Description  Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8640YEXT16+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8640YEXT16+T Datasheet HTML 2Page - Maxim Integrated Products MAX8640YEXT16+T Datasheet HTML 3Page - Maxim Integrated Products MAX8640YEXT16+T Datasheet HTML 4Page - Maxim Integrated Products MAX8640YEXT16+T Datasheet HTML 5Page - Maxim Integrated Products MAX8640YEXT16+T Datasheet HTML 6Page - Maxim Integrated Products MAX8640YEXT16+T Datasheet HTML 7Page - Maxim Integrated Products MAX8640YEXT16+T Datasheet HTML 8Page - Maxim Integrated Products MAX8640YEXT16+T Datasheet HTML 9Page - Maxim Integrated Products MAX8640YEXT16+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Soft-Start
The MAX8640Y/MAX8640Z include internal soft-start
circuitry that eliminates inrush current at startup, reduc-
ing transients on the input source. Soft-start is particu-
larly useful for higher impedance input sources, such
as Li+ and alkaline cells. See the Soft-Start Response
in the
Typical Operating Characteristics.
Applications Information
The MAX8640Y/MAX8640Z are optimized for use with a
tiny inductor and small ceramic capacitors. The correct
selection of external components ensures high efficien-
cy, low output ripple, and fast transient response.
Inductor Selection
A 1µH inductor is recommended for use with the
MAX8640Z, and 2.2µH is recommended for the
MAX8640Y. A 1µH inductor is physically smaller but
requires faster switching, resulting in some efficiency
loss. Table 1 lists several recommended inductors.
It is acceptable to use a 1.5µH inductor with either the
MAX8640Y or MAX8640Z, but efficiency and ripple
should be verified. Similarly, it is acceptable to use a
3.3µH inductor with the MAX8640Y, but performance
should be verified.
For optimum voltage positioning of load transients,
choose an inductor with DC series resistance in the
75m
Ω to 150mΩ range. For higher efficiency at heavy
loads (above 200mA) or minimal load regulation (but
some transient overshoot), the resistance should be
kept as low as possible. For light-load applications up
to 200mA, higher resistance is acceptable with very lit-
tle impact on performance.
Capacitor Selection
Output Capacitor
The output capacitor, C2, is required to keep the output
voltage ripple small and to ensure regulation loop sta-
bility. C2 must have low impedance at the switching fre-
quency. Ceramic capacitors are recommended due to
Tiny 500mA, 4MHz/2MHz Synchronous
Step-Down DC-DC Converters
6
_______________________________________________________________________________________
Table 1. Suggested Inductors
MANUFACTURER
SERIES
INDUCTANCE
(µH)
DC RESISTANCE
(
Ω typ)
CURRENT RATING
(mA)
DIMENSIONS
L x W x H (mm)
MIPFT2520D
2.0
0.16
900
2.5 x 2.0 x 0.5
1.5
0.07
1500
2.2
0.08
1300
FDK
MIPF2520D
3.3
0.10
1200
2.5 x 2.0 x 1.0
1.0
0.12
1200
1.5
0.16
1000
Murata
LQM31P
2.2
0.22
900
3.2 x 1.6 x 0.95
1.2
0.08
590
1.5
0.09
520
Sumida
CDRH2D09
2.2
0.12
440
3.0 x 3.0 x 1.0
1.0
0.11
1100
1.5
0.13
1000
Taiyo Yuden
CKP3216T
2.2
0.14
900
3.2 x 1.6 x 0.9
1.0
0.15
460
GLF201208T
2.2
0.36
300
2.0 x 1.25 x 0.9
1.0
0.07
400
GLF2012T
2.2
0.10
300
2.0 x 1.25 x 1.35
1.0
0.10
800
TDK
GLF251812T
2.2
0.20
600
2.5 x 1.8 x 1.35
1.0
0.05
1000
MDT2520-CR
2.2
0.08
700
2.5 x 2.0 x 1.0
1.0
0.07
1100
TOKO
D2812C
2.2
0.14
770
2.8 x 2.8 x 1.2


Similar Part No. - MAX8640YEXT16+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8640YEXT16+T MAXIM-MAX8640YEXT16+T Datasheet
310Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 7/07
MAX8640YEXT16+T MAXIM-MAX8640YEXT16+T Datasheet
308Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640YEXT16+T MAXIM-MAX8640YEXT16+T Datasheet
548Kb / 13P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
More results

Similar Description - MAX8640YEXT16+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8640Y MAXIM-MAX8640Y Datasheet
310Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 7/07
MAX8640Y_0710 MAXIM-MAX8640Y_0710 Datasheet
308Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640Y MAXIM-MAX8640Y_V01 Datasheet
548Kb / 13P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
   500mA Synchronous Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655_10 Datasheet
301Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com