Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8819B Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8819B
Description  PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8819B Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8819B Datasheet HTML 1Page - Maxim Integrated Products MAX8819B Datasheet HTML 2Page - Maxim Integrated Products MAX8819B Datasheet HTML 3Page - Maxim Integrated Products MAX8819B Datasheet HTML 4Page - Maxim Integrated Products MAX8819B Datasheet HTML 5Page - Maxim Integrated Products MAX8819B Datasheet HTML 6Page - Maxim Integrated Products MAX8819B Datasheet HTML 7Page - Maxim Integrated Products MAX8819B Datasheet HTML 8Page - Maxim Integrated Products MAX8819B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
PMIC with Integrated Chargers and Smart
Power Selector in a 4mm x 4mm TQFN
2
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(DC, LX_ unconnected; VEP = VGND = 0V, VBAT = 4V, DLIM[1:2] = 00, EN123 = EN4 = low, VFB1 = VFB2 = VFB3 = 1.1V, VFB4 = 0.6V,
PV13 = PV2 = SYS, TA = -40°C to +85°C, capacitors as shown in Figure 1, RCISET = 3kΩ, unless otherwise noted.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC POWER INPUT
DC Voltage Range
VDC
4.1
5.5
V
MAX8819A/MAX8819C
4.3
4.35
4.4
SYS Regulation Voltage
VSYS_REG
VDC = 5.75V
MAX8819B
5.1
5.3
5.5
V
DC Undervoltage Threshold
VUVLO_DC VDC rising, 500mV typical hysteresis
3.95
4.00
4.05
V
DC Overvoltage Threshold
VOVLO_DC VDC rising, 300mV typical hysteresis
5.811
5.9
6.000
V
DLIM[1:2] = 10
90
95
100
DLIM[1:2] = 01
450
475
500
DC Current Limit
(Note 4)
IDCLIM
VDC = 5.75V, VSYS = 5V
for MAX8819B or VSYS =
4V for MAX8819A/
MAX8819C
DLIM[1:2] = 00
900
1000
1100
mA
DLIM[1:2] = 11 (suspend)
0.02
0.035
DLIM[1:2]
≠ 11, ISYS = 0mA, IBAT = 0mA,
EN123 = low, EN4 = low, CEN = high,
VDC = 5.5V
1.33
DC Quiescent Current
IDCIQ
DLIM[1:2]
≠ 11, ISYS = 0mA, EN123 = low,
EN4 = low, CEN = low, VDC = 5.5V
0.95
mA
DC-to-SYS Dropout Resistance
RDS
VDC = 4V, ISYS = 400mA, DLIM[1:2] = 01
0.330
0.700
DC-to-SYS Soft-Start Time
tSS-D-S
1.5
ms
DC Thermal-Limit Temperature
Die temperature where current limit is
reduced
100
°C
DC Thermal-Limit Gain
Amount of input current reduction above
thermal-limit temperature
5%/
°C
SYSTEM
System Operating Voltage Range
VSYS
2.6
5.5
V
ABSOLUTE MAXIMUM RATINGS
DC, SYS, BAT, CISET, DLIM1, DLIM2, EN123
CEN, EN4, CHG, RST1, FB1, FB2, FB3 to GND....-0.3V to +6V
PV2 to GND ...............................................-0.3V to (VSYS + 0.3V)
PV13 to SYS...........................................................-0.3V to +0.3V
PG1, PG2, PG3, PG4 to GND................................-0.3V to +0.3V
COMP4, FB4 to GND ................................-0.3V to (VSYS + 0.3V)
LX4 to PG4 .............................................................-0.3V to +33V
OVP4 to GND .........................................................-0.3V to +33V
LX1, LX2, LX3 Continuous Current (Note 1) .........................1.5A
LX4 Current ................................................................750mARMS
Output Short-Circuit Duration.....................................Continuous
Continuous Power Dissipation (TA = +70°C)
28-Pin Thin QFN Single-Layer Board (derate 20.8mW/°C
above +70°C)...........................................................1666.7mW
28-Pin Thin QFN Multilayer Board (derate 28.6mW/°C
above +70°C)...........................................................2285.7mW
Junction-to-Case Thermal Resistance (
θJC) (Note 2)
28-Lead Thin QFN...........................................................3°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature........................................-40°C to +125°C
Storage Temperature.........................................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: LX1, LX2, LX3 have clamp diodes to their respective PG_ and PV_. Applications that forward bias these diodes must take
care not to exceed the package power dissipation limits.
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to http://www.maxim-ic.com/thermal-tutorial.


Similar Part No. - MAX8819B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8819B MAXIM-MAX8819B Datasheet
485Kb / 29P
   PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
2009
MAX8819BETI++ MAXIM-MAX8819BETI+ Datasheet
485Kb / 29P
   PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
Rev 1; 4/09
MAX8819BETI++ MAXIM-MAX8819BETI+ Datasheet
485Kb / 29P
   PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
2009
More results

Similar Description - MAX8819B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8819B MAXIM-MAX8819B Datasheet
485Kb / 29P
   PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
2009
MAX8819 MAXIM-MAX8819 Datasheet
485Kb / 29P
   PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
Rev 1; 4/09
MAX8645X MAXIM-MAX8645X_08 Datasheet
257Kb / 14P
   1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
MAX8645X MAXIM-MAX8645X Datasheet
310Kb / 15P
   1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 3; 12/06
MAX8671X MAXIM-MAX8671X Datasheet
796Kb / 44P
   PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
MAX8671X MAXIM-MAX8671X_08 Datasheet
829Kb / 44P
   PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
90-0037 MAXIM-90-0037 Datasheet
28Kb / 1P
   PACKAGE LAND PATTERN, 20L TQFN, 4*4MM
Rev E
MAX1564 MAXIM-MAX1564_10 Datasheet
198Kb / 11P
   Triple 1.2A USB Switch in 4mm x 4mm Thin QFN
Rev 1; 2/10
MAX1564 MAXIM-MAX1564 Datasheet
324Kb / 11P
   Triple 1.2A USB Switch in 4mm x 4mm Thin QFN
Rev 0; 11/04
MAX14746 MAXIM-MAX14746_V01 Datasheet
1Mb / 41P
   USB Detection with Smart Power Selector Li Chargers
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com