Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8845YETC+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8845YETC+
Description  28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8845YETC+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8845YETC+ Datasheet HTML 3Page - Maxim Integrated Products MAX8845YETC+ Datasheet HTML 4Page - Maxim Integrated Products MAX8845YETC+ Datasheet HTML 5Page - Maxim Integrated Products MAX8845YETC+ Datasheet HTML 6Page - Maxim Integrated Products MAX8845YETC+ Datasheet HTML 7Page - Maxim Integrated Products MAX8845YETC+ Datasheet HTML 8Page - Maxim Integrated Products MAX8845YETC+ Datasheet HTML 9Page - Maxim Integrated Products MAX8845YETC+ Datasheet HTML 10Page - Maxim Integrated Products MAX8845YETC+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Detailed Description
The MAX8845Z/MAX8845Y chargers use voltage, cur-
rent, and thermal-control loops to charge a single Li+
cell and protect the battery (Figure 1). When a Li+ bat-
tery with a cell voltage below 2.5V is inserted, the
MAX8845Z/MAX8845Y chargers enter a prequalifica-
tion stage where it precharges that cell with 10% of the
user-programmed fast-charge current (Figure 2). The
CHG indicator is driven low to indicate entry into the
prequalification state. When the battery voltage
exceeds 2.5V, the charger soft-starts as it enters the
fast-charge stage. The fast-charge current level is pro-
grammed through a resistor from SETI to GND. As the
battery voltage approaches 4.2V, the charging current
28V Linear Li+ Battery Chargers with Battery
Detection and Overvoltage Protected Output
_______________________________________________________________________________________
7
OUTPUT DRIVER,
CURRENT SENSE,
AND LOGIC
TEMPERATURE
SENSOR
VL
REGULATOR
REF
REFOK
VIN
OVLO
VL
UVLO
VREF
VREF
LOGIC
BATT
DETBAT
ABI
ABO (MAX8845Z ONLY)
ABO (MAX8845Y ONLY)
EN
POK
IN
BATT
IN
BATT
POK
200k
Ω
GND
EP
+115
°C
4.2V
Li+
VI/O
200k
Ω
CHG
MAX8845Z
MAX8845Y
VL
VREF
IMINREF
DETBAT
LINEAR
REGULATOR
WITH OVP
SETI
MIN
SAFEOUT
Figure 1. MAX8845Z/MAX8845Y Functional Diagram


Similar Part No. - MAX8845YETC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8845YETC++ MAXIM-MAX8845YETC+ Datasheet
495Kb / 19P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Rev 1; 9/09
MAX8845YETC++ MAXIM-MAX8845YETC+ Datasheet
495Kb / 19P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
2009
More results

Similar Description - MAX8845YETC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8845Y MAXIM-MAX8845Y Datasheet
495Kb / 19P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
2009
MAX8845W MAXIM-MAX8845W Datasheet
495Kb / 19P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Rev 1; 9/09
MAX8844Z MAXIM-MAX8844Z Datasheet
234Kb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
Rev 0; 3/09
MAX8844Y MAXIM-MAX8844Y Datasheet
1Mb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
2009
MAX8814 MAXIM-MAX8814 Datasheet
215Kb / 12P
   28V Linear Li Battery Charger with Smart Autoboot Assistant
Rev 0; 10/07
MAX8814 MAXIM-MAX8814_V01 Datasheet
217Kb / 11P
   28V Linear Li Battery Charger with Smart Autoboot Assistant
2015
logo
Monolithic Power System...
MP26058 MPS-MP26058 Datasheet
491Kb / 10P
   28V, 1A Li Linear Battery Charger with Timer and LDO Mode
MP26121 MPS-MP26121 Datasheet
775Kb / 11P
   28V, 1A Li Linear Battery Charger with 10% Battery-Full Threshold and Flexible NTC Interface
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com