Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9050BEUK-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9050BEUK-T
Description  Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9050BEUK-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9050BEUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 9Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 10Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 11Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
-1500
-500
-1000
500
0
1500
1000
2000
-500
-100
-300
100
300
500
LOAD REGULATION
LOAD CURRENT (
μA)
TA = +25
°C
TA = +85
°C
TA = -40
°C
Micropower, Single-Supply, UCSP/SOT23
Comparator + Precision Reference ICs
8
_______________________________________________________________________________________
Pin Description
-200
-100
-150
0
-50
100
50
150
2.5
3.5
4.0
3.0
4.5
5.0
5.5
LINE REGULATION
INPUT VOLTAGE (V)
TA = +25
°C
TA = +85
°C
TA = -40
°C
Typical Operating Characteristics (continued)
(VCC = 5V, VEE = 0V, VCM = 0V, IOUT = 0A, IREF = 0A, TA = +25°C, unless otherwise noted.)
FUNCTION
MAX9042
MAX9052
MAX9039
MAX9043
MAX9053
Comparator Output
Negative Supply Voltage
Comparator Noninverting Input
Reference Voltage Output
Comparator A Output
No Connection. Not internally connected.
Comparator Inverting Input
Positive Supply Voltage
Comparator A Inverting Input
Comparator B Output
Comparator B Inverting Input
Comparator B Noninverting Input
Comparator A Noninverting Input
NAME
SO
6
4
3
1
5, 8
2
7
SO/µMAX
4
2
1
8
7
6
5
3
OUT
VEE
IN+
REF
OUTA
N.C.
IN-
VCC
INA-
OUTB
INB-
INB+
INA+
SOT23
µMAX
A2
1
A1
2
5
UCSP
B1
3
B3
5
2
1
9
B2
4
A3
6
10
3
8
7
6
4
MAX9041
MAX9051
PIN
MAX9040
MAX9050
1
2
SOT23
3
4
5


Similar Part No. - MAX9050BEUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9050BEUK-T MAXIM-MAX9050BEUK-T Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
More results

Similar Description - MAX9050BEUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9043 MAXIM-MAX9043 Datasheet
417Kb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 1; 10/04
MAX9038 MAXIM-MAX9038 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com