Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9244GUM Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9244GUM
Description  21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9244GUM Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9244GUM Datasheet HTML 1Page - Maxim Integrated Products MAX9244GUM Datasheet HTML 2Page - Maxim Integrated Products MAX9244GUM Datasheet HTML 3Page - Maxim Integrated Products MAX9244GUM Datasheet HTML 4Page - Maxim Integrated Products MAX9244GUM Datasheet HTML 5Page - Maxim Integrated Products MAX9244GUM Datasheet HTML 6Page - Maxim Integrated Products MAX9244GUM Datasheet HTML 7Page - Maxim Integrated Products MAX9244GUM Datasheet HTML 8Page - Maxim Integrated Products MAX9244GUM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
21-Bit Deserializers with Programmable
Spread Spectrum and DC Balance
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = LVDSVCC = PLLVCC = +3.0V to +3.6V, VCCO = +3.0V to +5.5V, PWRDWN = high; SSG = high, open, or low; DCB = high or
low, differential input voltage |VID| = 0.05V to 1.2V, input common-mode voltage VCM = |VID / 2| to 2.4V - |VID / 2|, unless otherwise
noted. Typical values are at VCC = VCCO = LVDSVCC = PLLVCC = +3.3V, |VID| = 0.2V, VCM = +1.25V, TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
6MHz
29
45
8MHz
33
49
DC-balanced
mode (SSG = low)
18MHz
48
69
8MHz
33
47
10MHz
37
52
Non-DC-balanced
mode (SSG = low)
20MHz
52
73
6MHz
37
54
8MHz
41
62
DC-balanced mode
(SSG = high or open)
18MHz
65
91
8MHz
41
58
10MHz
46
65
Worst-Case Supply Current
ICCW
CL = 8pF,
worst-case pattern,
VCC = VCCO = 3.0V
to 3.6V, Figure 2
(MAX9246)
Non-DC-balanced
mode
(SSG = high or open)
20MHz
66
92
mA
Power-Down Supply Current
ICCZ
PWRDWN = low
50
µA
5V-TOLERANT LOGIC INPUT (
PWRDWN)
High-Level Input Voltage
VIH
2.0
5.5
V
Low-Level Input Voltage
VIL
-0.3
+0.8
V
Input Current
IIN
PWRDWN = high or low level
-20
+20
µA
Input Clamp Voltage
VCL
ICL = -18mA
-1.5
V
THREE-LEVEL LOGIC INPUTS (DCB, SSG)
High-Level Input Voltage
VIH
2.5
VCC +
0.3
V
Mid-Level Input Current
IIM
DCB, SSG open or connected to a driver with
output in high-impedance state (Note 3)
-10
+10
µA
Low-Level Input Voltage
VIL
-0.3
+0.8
V
Input Current
IIN
DCB, SSG = high or low level,
PWRDWN = high or low
-20
+20
µA
Input Clamp Voltage
VCL
ICL = -18mA
-1.5
V
SINGLE-ENDED OUTPUTS (RxOUT_, RxCLKOUT)
IOH = -100µA
VCCO
- 0.1
RxCLKOUT (Note 4)
VCCO
- 0.25
VCCO
- 0.43
High-Level Output Voltage
VOH
IOH = -2mA
RxOUT_
MAX9254
VCCO
- 0.25
V
IOL = 100µA
0.1
RxCLKOUT (Note 4)
0.2
0.26
Low-Level Output Voltage
VOL
IOL = 2mA
RxOUT_
MAX9254
0.2
V


Similar Part No. - MAX9244GUM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9244GUM MAXIM-MAX9244GUM Datasheet
293Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 2; 6/07
More results

Similar Description - MAX9244GUM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9242 MAXIM-MAX9242 Datasheet
401Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
MAX9242 MAXIM-MAX9242_07 Datasheet
293Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 2; 6/07
MAX9232 MAXIM-MAX9232 Datasheet
49Kb / 1P
   Programmable Spread-Spectrum and DC-Balance 21-Bit Deserializer
Rev 0; 9/05
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
   Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9220 MAXIM-MAX9220 Datasheet
904Kb / 18P
   Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
logo
Cypress Semiconductor
CY25701 CYPRESS-CY25701_06 Datasheet
317Kb / 8P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701JXC CYPRESS-CY25701JXC Datasheet
216Kb / 7P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701 CYPRESS-CY25701_07 Datasheet
275Kb / 8P
   Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option
logo
auris-GmbH
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
   Oscillator SMD, spread spectrum, programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com