Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450DA001M12 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 450DA001M12
Description  Connector Designator D Direct Coupling
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

450DA001M12 Datasheet(HTML) 1 Page - Glenair, Inc.

  450DA001M12 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 45 - Page 3
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Product Series
Connector Designator
Angle and Profile
A = 90
B = 45
S = Straight
CONNECTOR
DESIGNATOR
D
450 D S 001 M 16 G
Ground Lug (Omit for none)
Shell Size (Table I)
Finish (Table II)
Basic Part Number
1. Cable Entry is defined as the accommodation entry for the wire bundle or cable.
Dimensions are not intended for inspection criteria.
2. Metric dimensions (mm) are indicated in parentheses.
G
Max
1.850 (47.0)
1.850 (47.0)
1.850 (47.0)
2.350 (59.7)
2.350 (59.7)
2.440 (62.0)
2.510 (63.8)
2.510 (63.8)
2.650 (67.3)
H
Max
1.240 (31.5)
1.240 (31.5)
1.240 (31.5)
1.230 (31.2)
1.230 (31.2)
1.260 (32.0)
1.260 (32.0)
1.260 (32.0)
1.260 (32.0)
E
Cable Entry
.275
(7.0)
.402 (10.2)
.516 (13.1)
.651 (16.5)
.766 (19.5)
.872 (22.1)
.997 (25.3)
1.125 (28.6)
1.247 (31.7)
Shell
Size
08
10
12
14
16
18
20
22
24
F
Max
1.400 (35.6)
1.400 (35.6)
1.400 (35.6)
1.610 (40.9)
1.610 (40.9)
1.610 (40.9)
1.680 (42.7)
1.680 (42.7)
1.770 (45.0)
J
Max
.880 (22.4)
.940 (23.9)
1.000 (25.4)
1.320 (33.5)
1.380 (35.1)
1.460 (37.1)
1.510 (38.4)
1.560 (39.6)
1.630 (41.4)
TABLE III: DIMENSIONS
450-001
Qwik-Ty® Strain Relief - Connector Designator D
Direct Coupling (Straight)
Rotatable Coupling (45° and 90° Elbows)
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
A Thread
(Table I)
B (Table I)
D
(Table I)
D
(Table I)
F
E
H
J
G
Use MS3367-1 Tie
Strap or Equivalent
(Typical)
E
E
Ground Lug
(Optional)
STRAIGHT
DIRECT COUPLING
45°
ROTATABLE COUPLING
90°
ROTATABLE COUPLING
.140 (3.6) Dia (Typ.)


Similar Part No. - 450DA001M12

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
logo
Mill-Max Mfg. Corp.
450 MILL-MAX-450 Datasheet
129Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Double Row
logo
Intel Corporation
450 INTEL-450 Datasheet
1Mb / 100P
   Supporting the Intel Celeron processor
450 INTEL-450 Datasheet
1Mb / 71P
   Celeron M Processor on 65 nm Process
logo
Laird Tech Smart Techno...
450-0004 LSTD-450-0004 Datasheet
1Mb / 46P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
More results

Similar Description - 450DA001M12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
450EA001M08 GLENAIR-450EA001M08 Datasheet
40Kb / 1P
   Connector Designator E Direct Coupling
450JA001M08 GLENAIR-450JA001M08 Datasheet
28Kb / 1P
   Connector Designator J Direct Coupling
450HA001M08 GLENAIR-450HA001M08 Datasheet
29Kb / 1P
   Connector Designator H Rotatable Coupling
450AA001M08 GLENAIR-450AA001M08 Datasheet
29Kb / 1P
   Connector Designator A Rotatable Coupling
450FA001M08 GLENAIR-450FA001M08 Datasheet
30Kb / 1P
   Connector Designator F Rotatable Coupling
450LA001M08 GLENAIR-450LA001M08 Datasheet
30Kb / 1P
   Connector Designator L Rotatable Coupling
610AS012 GLENAIR-610AS012 Datasheet
22Kb / 1P
   Direct Coupling "E" Nut
330AS003B16 GLENAIR-330AS003B16 Datasheet
75Kb / 1P
   Pipe Thread Adapter Direct Coupling
189-055C GLENAIR-189-055C Datasheet
199Kb / 2P
   Special Backshell with Direct Coupling
370MS037 GLENAIR-370MS037 Datasheet
160Kb / 1P
   Direct or Rotatable Coupling Environmental Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com