Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9250GCM+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9250GCM+
Description  27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9250GCM+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9250GCM+ Datasheet HTML 7Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 8Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 9Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 10Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 11Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 12Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 13Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 14Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
27-Bit, 2.5MHz to 42MHz
DC-Balanced LVDS Deserializers
______________________________________________________________________________________
11
OUTEN
ACTIVE
HIGH IMPEDANCE
DE_OUT
RGB_OUT[17:0]
CNTL_OUT[8:0]
tOE
0.8V
MAX9250
Figure 9. Output Enable Time
OUTEN
HIGH IMPEDANCE
ACTIVE
DE_OUT
RGB_OUT[17:0]
CNTL_OUT[8:0]
tOZ
2.0V
MAX9250
Figure 10. Output Disable Time
FREQUENCY
TIME
fRxCLKOUT (MAX)
fRxCLKIN
fRxCLKOUT (MIN)
1 / fSSM
Figure 11. Simplified Modulation Profile


Similar Part No. - MAX9250GCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9250GCM++ MAXIM-MAX9250GCM+ Datasheet
211Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14
More results

Similar Description - MAX9250GCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9248 MAXIM-MAX9248_14 Datasheet
211Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14
MAX9247 MAXIM-MAX9247_09 Datasheet
186Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
MAX9247 MAXIM-MAX9247_12 Datasheet
223Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 4; 4/12
MAX9247 MAXIM-MAX9247 Datasheet
324Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 0; 1/06
MAX9234 MAXIM-MAX9234 Datasheet
187Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
MAX9234 MAXIM-MAX9234_12 Datasheet
207Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12
MAX9217 MAXIM-MAX9217 Datasheet
222Kb / 16P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
Rev 2; 10/05
MAX9218 MAXIM-MAX9218 Datasheet
273Kb / 16P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Deserializer
Rev 1; 4/05
MAX9217 MAXIM-MAX9217_V01 Datasheet
172Kb / 15P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
19-3558; Rev 4; 8/09
MAX9206 MAXIM-MAX9206 Datasheet
179Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 0; 8/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com