Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9250GCM+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9250GCM+
Description  27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9250GCM+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9250GCM+ Datasheet HTML 1Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 2Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 3Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 4Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 5Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 6Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 7Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 8Page - Maxim Integrated Products MAX9250GCM+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
27-Bit, 2.5MHz to 42MHz
DC-Balanced LVDS Deserializers
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC_ = +3.0V to +3.6V, PWRDWN = high, differential input voltage
⏐VID⏐ = 0.05V to 1.2V, input common-mode voltage VCM = ⏐VID / 2⏐
to VCC -
⏐VID / 2⏐, TA = -40°C to +105°C, unless otherwise noted. Typical values are at VCC_ = +3.3V, ⏐VID⏐ = 0.2V, VCM = 1.2V,
TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVDS INPUT (IN+, IN-)
Differential Input High Threshold
VTH
(Note 3)
50
mV
Differential Input Low Threshold
VTL
(Note 3)
-50
mV
Input Current
IIN+, IIN-
PWRDWN = high or low (Note 3)
-40
+40
µA
MAX9248/MAX9250ECM
42
60
78
PWRDWN =
high or low
MAX9248/MAX9250GCM
42
60
88
MAX9248/MAX9250ECM
42
60
78
Input Bias Resistor (Note 3)
RIB
VCC_ =
0 or open,
PWRDWN =
0 or open,
Figure 1
MAX9248/MAX9250GCM
42
60
88
k
Ω
Power-Off Input Current
IINO+, IINO-
VCC_ = 0 or open,
PWRDWN = 0 or open (Note 3)
-60
+60
µA
POWER SUPPLY
2.5MHz
19
RNG1 = low
RNG0 = low
5MHz
33
5MHz
28
RNG1 = low
RNG0 = high
10MHz
49
10MHz
33
RNG1 = high
RNG0 = low
20MHz
59
20MHz
45
MAX9250
CL = 8pF,
worst-case
pattern,
Figure 2
RNG1 = high
RNG0 = high
42MHz
89
2.5MHz
31
RNG1 = low
RNG0 = low
5MHz
48
5MHz
40
RNG1 = low
RNG0 = high
10MHz
70
10MHz
49
RNG1 = high
RNG0 = low
20MHz
87
20MHz
68
35MHz
100
Worst-Case Supply Current
MAX9248
CL = 8pF,
worst-case
pattern,
Figure 2
RNG1 = high
RNG0 = high
42MHz
120
mA
Power-Down Supply Current
ICCZ
(Note 4)
50
µA


Similar Part No. - MAX9250GCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9250GCM++ MAXIM-MAX9250GCM+ Datasheet
211Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14
More results

Similar Description - MAX9250GCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9248 MAXIM-MAX9248_14 Datasheet
211Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14
MAX9247 MAXIM-MAX9247_09 Datasheet
186Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
MAX9247 MAXIM-MAX9247_12 Datasheet
223Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 4; 4/12
MAX9247 MAXIM-MAX9247 Datasheet
324Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 0; 1/06
MAX9234 MAXIM-MAX9234 Datasheet
187Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
MAX9234 MAXIM-MAX9234_12 Datasheet
207Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12
MAX9217 MAXIM-MAX9217 Datasheet
222Kb / 16P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
Rev 2; 10/05
MAX9218 MAXIM-MAX9218 Datasheet
273Kb / 16P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Deserializer
Rev 1; 4/05
MAX9217 MAXIM-MAX9217_V01 Datasheet
172Kb / 15P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
19-3558; Rev 4; 8/09
MAX9206 MAXIM-MAX9206 Datasheet
179Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 0; 8/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com