Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450JS001M08 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 450JS001M08
Description  Connector Designator J Direct Coupling
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

450JS001M08 Datasheet(HTML) 1 Page - Glenair, Inc.

  450JS001M08 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 45 - Page 7
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
CONNECTOR
DESIGNATOR
J
1. Cable Entry is defined as the accommodation entry for the wire bundle or cable.
Dimensions are not intended for inspection criteria.
2. Metric dimensions (mm) are indicated in parentheses.
G
Max
1.630 (41.4)
1.670 (42.4)
2.200 (55.9)
2.270 (57.7)
2.330 (59.2)
2.410 (61.2)
2.550 (64.8)
2.590 (65.8)
H
Max
.750 (19.1)
.750 (19.1)
.750 (19.1)
.780 (19.8)
.780 (19.8)
.810 (20.6)
.810 (20.6)
.810 (20.6)
E
Cable Entry
.375
(9.5)
.500 (12.7)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
Shell
Size
08
10
14
16
18
20
22
24
F
Max
1.250 (31.8)
1.250 (31.8)
1.500 (38.1)
1.500 (38.1)
1.500 (38.1)
1.500 (38.1)
1.500 (38.1)
1.500 (38.1)
J
Max
.940 (23.9)
1.000 (25.4)
1.380 (35.1)
1.460 (37.1)
1.510 (38.4)
1.560 (39.6)
1.630 (41.4)
1.710 (43.4)
TABLE III: DIMENSIONS
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
A Thread
(Table I)
B
(Table I)
F
E
STRAIGHT
DIRECT COUPLING
C (Table I)
Ground Lug
(Optional)
45°
ROTATABLE COUPLING
.140 (3.6) Dia (Typ.)
H
J
G
Use MS3367-1 Tie
Strap or Equivalent
(Typical)
E
E
90°
ROTATABLE COUPLING
C (Table I)
Product Series
Connector Designator
Angle and Profile
A = 90
B = 45
S = Straight
450 J S 001 M 16 G
Ground Lug (Omit for none)
Shell Size (Table I)
Finish (Table II)
Basic Part Number
450-001
Qwik-Ty® Strain Relief - Connector Designator J
Direct Coupling (Straight)
Rotatable Coupling (45° and 90° Elbows)


Similar Part No. - 450JS001M08

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
logo
Mill-Max Mfg. Corp.
450 MILL-MAX-450 Datasheet
129Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Double Row
logo
Intel Corporation
450 INTEL-450 Datasheet
1Mb / 100P
   Supporting the Intel Celeron processor
450 INTEL-450 Datasheet
1Mb / 71P
   Celeron M Processor on 65 nm Process
logo
Laird Tech Smart Techno...
450-0004 LSTD-450-0004 Datasheet
1Mb / 46P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
More results

Similar Description - 450JS001M08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
450DA001M08 GLENAIR-450DA001M08 Datasheet
28Kb / 1P
   Connector Designator D Direct Coupling
450EA001M08 GLENAIR-450EA001M08 Datasheet
40Kb / 1P
   Connector Designator E Direct Coupling
450HA001M08 GLENAIR-450HA001M08 Datasheet
29Kb / 1P
   Connector Designator H Rotatable Coupling
450AA001M08 GLENAIR-450AA001M08 Datasheet
29Kb / 1P
   Connector Designator A Rotatable Coupling
450FA001M08 GLENAIR-450FA001M08 Datasheet
30Kb / 1P
   Connector Designator F Rotatable Coupling
450LA001M08 GLENAIR-450LA001M08 Datasheet
30Kb / 1P
   Connector Designator L Rotatable Coupling
610AS012 GLENAIR-610AS012 Datasheet
22Kb / 1P
   Direct Coupling "E" Nut
330AS003B16 GLENAIR-330AS003B16 Datasheet
75Kb / 1P
   Pipe Thread Adapter Direct Coupling
189-055C GLENAIR-189-055C Datasheet
199Kb / 2P
   Special Backshell with Direct Coupling
370MS037 GLENAIR-370MS037 Datasheet
160Kb / 1P
   Direct or Rotatable Coupling Environmental Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com