Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9513 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9513
Description  CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9513 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9513 Datasheet HTML 6Page - Maxim Integrated Products MAX9513 Datasheet HTML 7Page - Maxim Integrated Products MAX9513 Datasheet HTML 8Page - Maxim Integrated Products MAX9513 Datasheet HTML 9Page - Maxim Integrated Products MAX9513 Datasheet HTML 10Page - Maxim Integrated Products MAX9513 Datasheet HTML 11Page - Maxim Integrated Products MAX9513 Datasheet HTML 12Page - Maxim Integrated Products MAX9513 Datasheet HTML 13Page - Maxim Integrated Products MAX9513 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Detailed Description
In the typical application circuit shown in Figure 1, the
current DAC generates an internal video signal. When the
internal signal source is selected, the MAX9513 filters the
signal and then drives the video connectors through a
75
Ω back termination resistor. When the external video
source is selected, the MAX9513 selects the external
video signal (EXTCVBSIN), then clamps, filters, and
amplifies it. The output stage of the amplifier connected
to CVBSOUT1 becomes high impedance. The n-channel
switch at CVBSOUT1 turns on, thereby converting the
back termination resistor into an input termination resistor.
SmartSleep Feature
The SmartSleep feature is activated when the SMARTSLEEP
input is connected to logic-high. The SmartSleep feature
provides intelligent power management by selectively
disabling the filters and output amplifiers based on
the presence of video signals or loads attached to the
outputs. If the SmartSleep feature is not activated and
the part is not in shutdown, the filters and output ampli-
fiers completely turn on, regardless of whether there is
a video signal at the CVBSIN input and whether there
are loads connected at the outputs. SmartSleep only
works with DC-coupled loads.
CVBS Video Filter Amplifier with SmartSleep
and Bidirectional Video Support
10
______________________________________________________________________________________
CURRENT
DAC
DVD CHIP
TO Y/C SEPARATION
CVBSOUT/IN
EXTCVBSIN
CVBSOUT1
INT/EXT
ACTIVE VIDEO
DETECT
CVBSIN
CVBS SIGNAL
CVBSOUT2
CONTROL
LOGIC
MICROCONTROLLER
GND
+3.3V
0.1
μF
VDD
CLAMP
75
Ω
BUFFER
LOAD SENSE
6dB
75
Ω
LOAD SENSE
6dB
LPF
MAX9513
0.1
μF
SHDN
SMARTSLEEP
+3.3V
+3.3V
Figure 1. Typical Application Circuit for Portable DVD Player


Similar Part No. - MAX9513

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9513 MAXIM-MAX9513 Datasheet
363Kb / 23P
   CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
MAX9513AEE MAXIM-MAX9513AEE Datasheet
363Kb / 23P
   CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
MAX9513ATE MAXIM-MAX9513ATE Datasheet
363Kb / 23P
   CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
More results

Similar Description - MAX9513

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9513 MAXIM-MAX9513 Datasheet
363Kb / 23P
   CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
MAX9508 MAXIM-MAX9508_09 Datasheet
387Kb / 25P
   CVBS/S-Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 2; 1/09
MAX9508 MAXIM-MAX9508 Datasheet
400Kb / 25P
   Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 5/06
MAX9512 MAXIM-MAX9512_09 Datasheet
338Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 2; 2/09
MAX9512 MAXIM-MAX9512 Datasheet
347Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 0; 5/06
MAX7447 MAXIM-MAX7447_V01 Datasheet
286Kb / 6P
   4-Channel S-Video, CVBS Video Filter with Asynchronous CVBS Input
19-2950; Rev 1; 4/06
MAX7447 MAXIM-MAX7447 Datasheet
239Kb / 6P
   4-Channel S-Video, CVBS Video Filter with Asynchronous CVBS Input
Rev 0; 8/03
MAX7446 MAXIM-MAX7446_V01 Datasheet
190Kb / 6P
   4-Channel Video Filter for RGB and CVBS Video
19-2951; Rev 2; 2/07
MAX7446 MAXIM-MAX7446 Datasheet
239Kb / 6P
   4-Channel Video Filter for RGB and CVBS Video
Rev 0; 8/03
MAX7448 MAXIM-MAX7448_V01 Datasheet
289Kb / 7P
   4-Channel RGB Video Filter with Asynchronous CVBS Input
19-2989; Rev 1; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com