Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9532AUB+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9532AUB+
Description  DirectDrive Video Amplifier with Short-to-Battery Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9532AUB+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9532AUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX9532AUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX9532AUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX9532AUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX9532AUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX9532AUB+ Datasheet HTML 9Page - Maxim Integrated Products MAX9532AUB+ Datasheet HTML 10Page - Maxim Integrated Products MAX9532AUB+ Datasheet HTML 11Page - Maxim Integrated Products MAX9532AUB+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Interfacing to Video DACs that Produce
Video Signals Higher than 0.5VP-P
Devices designed to generate 1VP-P video signals at
the output of the video DAC can work with the
MAX9532. Most video DACs source current into a
ground-referenced resistor, which converts the current
into a voltage. Figure 3 shows a video DAC that creates
a video signal from 0V to 1V across a 150
Ω resistor.
With a gain of 2V/V, the following video filter produces a
2VP-P output.
The MAX9532 accepts input signals that are 0.5VP-P
nominally. The video DAC in Figure 3 can be made to
work with the MAX9532 by scaling down the 150
Ω
resistor to a 75
Ω resistor, as shown in Figure 4. The
75
Ω resistor is one-half the size of the 150Ω resistor,
resulting in a video signal that is one-half the amplitude.
Video Source with a Positive DC Bias
In some applications, the video source generates a sig-
nal with a positive DC voltage bias, i.e., the sync tip of
the signal is well above ground. Figure 5 shows an
example in which the outputs of the luma (Y) DAC and
the chroma (C) DAC are connected together. Since the
DACs are current-mode, the output currents sum
together into the resistor, which converts the resulting
current into a voltage representing a composite video
signal.
When the chroma DAC is connected to an independent
output resistor to ground, the chroma signal, which is a
carrier at 3.58MHz for NTSC or at 4.43MHz for PAL,
generates a positive DC bias to keep the signal above
ground at all times. When the luma DAC is connected
to an independent output resistor to ground, the luma
signal usually does not have a positive DC bias, and
the sync tip is at approximately ground. When the chro-
ma and luma signals are added together, the resulting
composite video signal generates a positive DC bias.
Therefore, the signal must be AC-coupled into the
MAX9532 because the composite video signal is above
the nominal 0V to 0.7V DC-coupled input range.
Video Signal Routing
Minimize the length of the PCB trace between the out-
put of the video DAC and the input of the MAX9532 to
reduce coupling of external noise into the video signal.
If possible, shield the PCB trace.
DirectDrive Video Amplifier with
Short-to-Battery Protection
_______________________________________________________________________________________
9
LPF
DAC
IMAGE
PROCESSOR
ASIC
2V/V
150
Ω
0V TO 1V
GENERIC 2V/V CONFIGURATION
2VP-P
Figure 3. Typically, a Video DAC Generates a 1VP-P Signal
Across a 150
Ω Resistor Connected to Ground
LPF
2VP-P
DAC
IMAGE
PROCESSOR
ASIC
4V/V
75
Ω
0V TO 0.5V
MAX9532
Figure 4. Video DAC Generates a 0.5VP-P Signal Across a 75Ω
Resistor Connected to Ground
VIDEO SIGNAL
MAX9532 POWER CONSUMPTION (mW)
WITH 150
Ω LOAD
MAX9532 POWER CONSUMPTION (mW)
WITH 100
Ω LOAD
All Black Screen
51.236
53.978
All White Screen
57.077
65.399
75% Color Bars
53.074
57.486
50% Flat Field
49.513
51.596
Table 1. Power Consumption of the MAX9532 with Different Video Signals
Note: The supply voltage is 3.3V.


Similar Part No. - MAX9532AUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9532 MAXIM-MAX9532 Datasheet
407Kb / 13P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
MAX9532 MAXIM-MAX9532 Datasheet
90Kb / 4P
   Fully Assembled and Tested
Rev 0; 3/09
MAX9532EVKIT MAXIM-MAX9532EVKIT Datasheet
90Kb / 4P
   Fully Assembled and Tested
Rev 0; 3/09
MAX9532EVKIT++ MAXIM-MAX9532EVKIT+ Datasheet
90Kb / 4P
   Fully Assembled and Tested
Rev 0; 3/09
MAX9532 MAXIM-MAX9532_11 Datasheet
407Kb / 13P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
More results

Similar Description - MAX9532AUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9532 MAXIM-MAX9532_11 Datasheet
407Kb / 13P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
MAX9503 MAXIM-MAX9503 Datasheet
831Kb / 13P
   DirectDrive Video Amplifier with Reconstruction Filter
Rev 0; 5/05
logo
ON Semiconductor
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
   ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
NIX1161 ONSEMI-NIX1161 Datasheet
246Kb / 9P
   ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 6
NIV1241 ONSEMI-NIV1241 Datasheet
230Kb / 8P
   ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 0
logo
Maxim Integrated Produc...
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
   DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPD3S716-Q1 TI1-TPD3S716-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-Battery, Short-Circuit Protection
TPS25940-Q1 TI1-TPS25940-Q1_18 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
logo
Maxim Integrated Produc...
MAX9516 MAXIM-MAX9516 Datasheet
308Kb / 15P
   1.8V, Ultra-Low-Power, DirectDrive Video Filter Amplifier with Load Detect
Rev 0; 9/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com