Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450AS001M22 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 450AS001M22
Description  Connector Designator A Rotatable Coupling
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

450AS001M22 Datasheet(HTML) 1 Page - Glenair, Inc.

  450AS001M22 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 45 - Page 2
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
CONNECTOR
DESIGNATOR
A
1. Cable Entry is defined as the accommodation entry for the wire bundle
or cable. Dimensions are not intended for inspection criteria.
2. Metric dimensions (mm) are indicated in parentheses.
G
Max
1.066 (27.1)
1.066 (27.1)
1.066 (27.1)
1.188 (30.2)
1.226 (31.1)
1.226 (31.1)
1.226 (31.1)
1.226 (31.1)
1.226 (31.1)
H
Max
.890 (22.6)
.950 (24.1)
1.010 (25.7)
1.330 (33.8)
1.390 (35.3)
1.460 (37.1)
1.510 (38.4)
1.510 (38.4)
1.640 (41.7)
E
Cable Entry
.260
(6.6)
.365
(9.3)
.501 (12.7)
.575 (14.6)
.700 (17.8)
.779 (19.8)
.904 (23.0)
1.029 (26.1)
1.144 (29.1)
Shell
Size
08
10
12
14
16
18
20
22
24
F
Max
.866 (22.0)
.866 (22.0)
.926 (23.5)
1.106 (28.1)
1.106 (28.1)
1.176 (29.9)
1.306 (33.2)
1.426 (36.2)
1.556 (39.5)
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
Product Series
Connector Designator
Angle and Profile
A = 90
B = 45
S = Straight
450 A S 001 M 16 G
Ground Lug (Omit for none)
Shell Size (Table I)
Finish (Table II)
Basic Part Number
TABLE III: DIMENSIONS
450-001
Qwik-Ty® Strain Relief - Connector Designator A
Rotatable Coupling (Straight, 45° and 90° Elbows)
E
.140 (3.6) Dia (Typ.)
A Thread
(Table I)
C
(Table I)
F
C (Table I)
C (Table I)
G
.690
(17.5)
Max
E
E
H
Use MS3367-1
Tie Strap or
Equivalent
(Typical)
45°
ROTATABLE COUPLING
90°
ROTATABLE COUPLING
STRAIGHT
ROTATABLE COUPLING
Ground Lug
(Optional)


Similar Part No. - 450AS001M22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
450AS029XB08 GLENAIR-450AS029XB08 Datasheet
352Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling
450AS029XB10 GLENAIR-450AS029XB10 Datasheet
352Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling
450AS029XB12 GLENAIR-450AS029XB12 Datasheet
352Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling
450AS029XB14 GLENAIR-450AS029XB14 Datasheet
352Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling
450AS029XB16 GLENAIR-450AS029XB16 Datasheet
352Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling
More results

Similar Description - 450AS001M22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
450HA001M08 GLENAIR-450HA001M08 Datasheet
29Kb / 1P
   Connector Designator H Rotatable Coupling
450FA001M08 GLENAIR-450FA001M08 Datasheet
30Kb / 1P
   Connector Designator F Rotatable Coupling
450LA001M08 GLENAIR-450LA001M08 Datasheet
30Kb / 1P
   Connector Designator L Rotatable Coupling
450DA001M08 GLENAIR-450DA001M08 Datasheet
28Kb / 1P
   Connector Designator D Direct Coupling
450EA001M08 GLENAIR-450EA001M08 Datasheet
40Kb / 1P
   Connector Designator E Direct Coupling
450JA001M08 GLENAIR-450JA001M08 Datasheet
28Kb / 1P
   Connector Designator J Direct Coupling
319A065XO08R GLENAIR-319A065XO08R Datasheet
444Kb / 2P
   Self-Locking Rotatable Coupling
610AS011 GLENAIR-610AS011 Datasheet
22Kb / 1P
   Rotatable Coupling "E" Nut
319A064XO08A GLENAIR-319A064XO08A_08 Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
620-048 GLENAIR-620-048 Datasheet
206Kb / 1P
   Self-Locking Rotatable Coupling
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com