Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9719 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9719
Description  Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9719 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9719 Datasheet HTML 5Page - Maxim Integrated Products MAX9719 Datasheet HTML 6Page - Maxim Integrated Products MAX9719 Datasheet HTML 7Page - Maxim Integrated Products MAX9719 Datasheet HTML 8Page - Maxim Integrated Products MAX9719 Datasheet HTML 9Page - Maxim Integrated Products MAX9719 Datasheet HTML 10Page - Maxim Integrated Products MAX9719 Datasheet HTML 11Page - Maxim Integrated Products MAX9719 Datasheet HTML 12Page - Maxim Integrated Products MAX9719 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Low-Cost, Mono/Stereo,
1.4W Differential Audio Power Amplifiers
_______________________________________________________________________________________
9
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.02
-0.01
0
0.01
0.02
0.03
-0.03
-40
85
VCC = 5V
VCC = 3V
TURN-ON TIME
vs. DC BIAS BYPASS CAPACITOR
CBIAS (
μF)
0.80
0.60
0.20
0.40
10
20
30
40
50
60
70
80
0
0
1.00
VCC = 5V
VCC = 3V
TO -3dB OF FINAL VALUE
Typical Operating Characteristics (continued)
(VCC = 5V, CBIAS = 0.1µF, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
MAX9718
MAX9719
TDFN-EP/
µMAX
UCSP
TQFN-EP
UCSP
TSSOP-EP
NAME
FUNCTION
1C2
SHDN
Shutdown Input. The polarity of SHDN is dependent on the
state of SHDM.
——
9
B3
11
SHDN
Shutdown Input. Active-low shutdown input.
2
C1
IN-
Inverting Input
3B2
SHDM
Shutdown-Mode Polarity Input. SHDM controls the polarity
of SHDN. Connect SHDM high for an active-high SHDN
input. Connect SHDM low for an active-low SHDN input
(see Table 1).
4
A1
IN+
Noninverting Input
5
A2
5
B2
7
BIAS
DC Bias Bypass
6
A3
OUT-
Bridge Amplifier Negative Output
7B3
1, 6, 11
A2, C2,
D4
3, 8, 13
GND
Ground
8
13
15
N.C.
No Connection. Not internally connected.
9
B1
8, 14
A4, D3
16, 10
VCC
Power Supply
10
C3
OUT+
Bridge Amplifier Positive Output
2
C1
4
INR+
Right-Channel Noninverting Input
3
B1
5
INL-
Left-Channel Inverting Input
4
A1
6
INL+
Left-Channel Noninverting Input
——
7
A3
9
OUTL+
Left-Channel Bridge Amplifier Positive Output
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1
2
3
4
5
6
0
-40
85
VCC = 5V
VCC = 3V


Similar Part No. - MAX9719

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9719 MAXIM-MAX9719 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9719 MAXIM-MAX9719 Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9719A MAXIM-MAX9719A Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9719AEAE MAXIM-MAX9719AEAE Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9719AEBE+T MAXIM-MAX9719AEBE+T Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
More results

Similar Description - MAX9719

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718_10 Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com