Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450AA034XO12 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 450AA034XO12
Description  Strain-Relief with Free-Rotating Coupling
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

450AA034XO12 Datasheet(HTML) 1 Page - Glenair, Inc.

  450AA034XO12 Datasheet HTML 1Page - Glenair, Inc. 450AA034XO12 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-90
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
450-034
Composite Qwik-Ty® Strain-Relief
with Free-Rotating Coupling
90° and 45°
E
F
H
Rad.
G
B
Typ.
A Thread Typ.
D
.233 (6.0)
Ref. Typ.
Use MS3367-1
Tie Strap or
Equivalent - Typ.
Free Rotating Coupling
Nut, Straight Knurl Typ.
J Rad.
Connector
Designator
A and H
450 H S 034 XB 15
Connector
Shell Size
(See Table II)
Product Series
450 - Qwik-Ty Strain Relief
Basic Part
Number
Angle and Profile
A - 90° Elbow
S - Straight
Finish Symbol
(See Table III)
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II, and
-83723 Series I and III
H MIL-DTL-38999 Series III and IV
ROTATABLE COUPLING
LOW PROFILE
NOTES
Metric dimensions (mm) are in parenthesis and are
1.
for reference only.
See Table I in Intro for front-end dimensional details.
2.


Similar Part No. - 450AA034XO12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
450AA030XB08 GLENAIR-450AA030XB08 Datasheet
354Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling and Ground Lug
450AA030XB10 GLENAIR-450AA030XB10 Datasheet
354Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling and Ground Lug
450AA030XB12 GLENAIR-450AA030XB12 Datasheet
354Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling and Ground Lug
450AA030XB14 GLENAIR-450AA030XB14 Datasheet
354Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling and Ground Lug
450AA030XB16 GLENAIR-450AA030XB16 Datasheet
354Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling and Ground Lug
More results

Similar Description - 450AA034XO12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
450AA029XO08 GLENAIR-450AA029XO08 Datasheet
352Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling
620MA065-90 GLENAIR-620MA065-90 Datasheet
180Kb / 1P
   Rotatable Coupling Strain Relief Clamp
620MS064 GLENAIR-620MS064 Datasheet
149Kb / 1P
   Direct or Rotatable Coupling Strain Relief Clamp
620HS011M17 GLENAIR-620HS011M17 Datasheet
150Kb / 3P
   Strain Relief Rotatable Coupling - Straight and 90°
450AA030XM08 GLENAIR-450AA030XM08 Datasheet
354Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling and Ground Lug
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
   Strain Relief
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
   Strain Relief
620DS054M GLENAIR-620DS054M Datasheet
162Kb / 1P
   Strain Relief
620AS001Z116 GLENAIR-620AS001Z116 Datasheet
38Kb / 1P
   Strain Relief
M85049-43-3N GLENAIR-M85049-43-3N Datasheet
73Kb / 1P
   Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com