Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9724B Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9724B
Description  60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9724B Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9724B Datasheet HTML 4Page - Maxim Integrated Products MAX9724B Datasheet HTML 5Page - Maxim Integrated Products MAX9724B Datasheet HTML 6Page - Maxim Integrated Products MAX9724B Datasheet HTML 7Page - Maxim Integrated Products MAX9724B Datasheet HTML 8Page - Maxim Integrated Products MAX9724B Datasheet HTML 9Page - Maxim Integrated Products MAX9724B Datasheet HTML 10Page - Maxim Integrated Products MAX9724B Datasheet HTML 11Page - Maxim Integrated Products MAX9724B Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
60mW, DirectDrive, Stereo Headphone Amplifier
with Low RF Susceptibility and Shutdown
8
_______________________________________________________________________________________
Pin Description
PIN
TQFN
UCSP
NAME
FUNCTION
1
C1
C1P
Flying Capacitor Positive Terminal. Connect a 1µF ceramic capacitor from C1P to C1N.
2
C2
PGND
Power Ground. Connect to SGND.
3
C3
C1N
Flying Capacitor Negative Terminal. Connect a 1µF ceramic capacitor from C1P to C1N.
4C4
PVSS
Charge-Pump Output. Connect to SVSS and bypass with a 1µF ceramic capacitor to PGND.
5A2
SHDN
Active-Low Shutdown Input
6
B3
INL
Left-Channel Input
7
A1
SGND
Signal Ground. Connect to PGND.
8
B2
INR
Right-Channel Input
9B4
SVSS
Amplifier Negative Supply. Connect to PVSS.
10
A3
OUTR
Right-Channel Output
11
A4
OUTL
Left-Channel Output
12
B1
VDD
Positive Power-Supply Input. Bypass with a 1µF capacitor to PGND.
EP
EP
Exposed Paddle. Internally connected to SVSS. Connect to SVSS or leave unconnected.
EXITING SHUTDOWN
VSHDN
5V/div
VOUT_
500mV/div
VIN_
1V/div
40
μs/div
ENTERING SHUTDOWN
VSHDN
5V/div
VOUT_
500mV/div
VIN_
1V/div
20
μs/div
Typical Operating Characteristics (continued)
(VDD = 5V, PGND = SGND = 0V, SHDN = VDD, C1 = C2 = 1µF, RL = ∞, gain = -1.5V/V (RIN = 20kΩ, RF = 30kΩ for the MAX9724A),
THD+N measurement bandwidth = 22Hz to 22kHz, both outputs driven in phase, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9724B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9724B MAXIM-MAX9724B Datasheet
491Kb / 22P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724B MAXIM-MAX9724B Datasheet
115Kb / 4P
   Fully Assembled and Tested
Rev 0; 1/08
MAX9724BEBC+T MAXIM-MAX9724BEBC+T Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724BEBC+T MAXIM-MAX9724BEBC+T Datasheet
491Kb / 22P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724BETC++ MAXIM-MAX9724BETC+ Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
More results

Similar Description - MAX9724B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724A MAXIM-MAX9724A_08 Datasheet
491Kb / 22P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724C MAXIM-MAX9724C Datasheet
350Kb / 19P
   Low RF Susceptibility DirectDrive Stereo Headphone Amplifier with 1.8V Compatible Shutdown
Rev 0; 5/08
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9877 MAXIM-MAX9877 Datasheet
498Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 7/08
MAX9875 MAXIM-MAX9875 Datasheet
544Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 3/09
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9877AERP MAXIM-MAX9877AERP Datasheet
557Kb / 31P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com