Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9724AEBC+TG45 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9724AEBC+TG45
Description  60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9724AEBC+TG45 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9724AEBC+TG45 Datasheet HTML 3Page - Maxim Integrated Products MAX9724AEBC+TG45 Datasheet HTML 4Page - Maxim Integrated Products MAX9724AEBC+TG45 Datasheet HTML 5Page - Maxim Integrated Products MAX9724AEBC+TG45 Datasheet HTML 6Page - Maxim Integrated Products MAX9724AEBC+TG45 Datasheet HTML 7Page - Maxim Integrated Products MAX9724AEBC+TG45 Datasheet HTML 8Page - Maxim Integrated Products MAX9724AEBC+TG45 Datasheet HTML 9Page - Maxim Integrated Products MAX9724AEBC+TG45 Datasheet HTML 10Page - Maxim Integrated Products MAX9724AEBC+TG45 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
60mW, DirectDrive, Stereo Headphone Amplifier
with Low RF Susceptibility and Shutdown
_______________________________________________________________________________________
7
0
-120
10
100
10k
100k
CROSSTALK vs. FREQUENCY
-100
-80
-40
-60
-20
FREQUENCY (Hz)
1k
RIGHT TO LEFT
LEFT TO RIGHT
POUT = 15mW
RL = 16
Ω
20
40
30
60
50
70
80
0
100
150
50
OUTPUT POWER vs. LOAD RESISTANCE AND
CHARGE-PUMP CAPACITOR SIZE (TQFN)
LOAD RESISTANCE (
Ω)
VDD = 5V
fIN = 1kHz
THD+N = 1%
C1 = C2 = 2.2
μF
C1 = C2 = 1
μF
C1 = C2 = 0.47
μF
0
40
30
20
10
60
50
70
80
0
100
150
50
OUTPUT POWER vs. LOAD RESISTANCE AND
CHARGE-PUMP CAPACITOR SIZE (UCSP)
LOAD RESISTANCE (
Ω)
VDD = 5V
fIN = 1kHz
THD+N = 1%
C1 = C2 = 2.2
μF
C1 = C2 = 1
μF
C1 = C2 = 0.47
μF
-140
-110
-130
-70
-90
-50
-120
-80
-100
-60
-40
0
5
10
15
20
OUTPUT SPECTRUM vs. FREQUENCY
FREQUENCY (kHz)
RL = 32
Ω
VDD = 3V
fIN = 1kHz
VOUT = -60dBV
2.8
3.1
2.9
3.3
3.0
3.4
3.2
3.5
2.5
3.0
4.0
3.5
4.5
5.0
5.5
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NO LOAD
INPUTS
GROUND
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE (TQFN)
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
20
40
60
80
100
120
140
0
2.5
5.5
NO LOAD INPUTS GND
Typical Operating Characteristics (continued)
(VDD = 5V, PGND = SGND = 0V, SHDN = VDD, C1 = C2 = 1µF, RL = ∞, gain = -1.5V/V (RIN = 20kΩ, RF = 30kΩ for the MAX9724A),
THD+N measurement bandwidth = 22Hz to 22kHz, both outputs driven in phase, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9724AEBC+TG45

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9724AEBC+T MAXIM-MAX9724AEBC+T Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724AEBC+T MAXIM-MAX9724AEBC+T Datasheet
491Kb / 22P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
More results

Similar Description - MAX9724AEBC+TG45

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724A MAXIM-MAX9724A_08 Datasheet
491Kb / 22P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724C MAXIM-MAX9724C Datasheet
350Kb / 19P
   Low RF Susceptibility DirectDrive Stereo Headphone Amplifier with 1.8V Compatible Shutdown
Rev 0; 5/08
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9877 MAXIM-MAX9877 Datasheet
498Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 7/08
MAX9875 MAXIM-MAX9875 Datasheet
544Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 3/09
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9877AERP MAXIM-MAX9877AERP Datasheet
557Kb / 31P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com