Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9820ETB+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9820ETB+
Description  DirectDrive Headphone Amplifier with External Gain
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9820ETB+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9820ETB+ Datasheet HTML 1Page - Maxim Integrated Products MAX9820ETB+ Datasheet HTML 2Page - Maxim Integrated Products MAX9820ETB+ Datasheet HTML 3Page - Maxim Integrated Products MAX9820ETB+ Datasheet HTML 4Page - Maxim Integrated Products MAX9820ETB+ Datasheet HTML 5Page - Maxim Integrated Products MAX9820ETB+ Datasheet HTML 6Page - Maxim Integrated Products MAX9820ETB+ Datasheet HTML 7Page - Maxim Integrated Products MAX9820ETB+ Datasheet HTML 8Page - Maxim Integrated Products MAX9820ETB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DirectDrive Headphone Amplifier
with External Gain
_______________________________________________________________________________________
5
THD+N vs. FREQUENCY
FREQUENCY (Hz)
10,000
1000
100
10
100,000
0.01
0.1
1
10
0.001
VDD = 3.6V
RLOAD = 16
I
LLOAD = 1
FH
POUT = 20mW
POUT = 10mW
THD+N vs. FREQUENCY
FREQUENCY (Hz)
10,000
1000
100
10
100,000
0.01
0.1
1
10
0.001
VDD = 3.6V
RLOAD = 32
I
LLOAD = 1
FH
POUT = 30mW
POUT = 10mW
VISTA THD+N vs. FREQUENCY
FREQUENCY (Hz)
10,000
1000
100
-100
-80
-60
-40
-20
0
-120
10
100,000
VDD = 5.0V
RLOAD = 32
I
LLOAD = 1
FH
VOUT = -3dBFS
FS = 300mVRMS
FS = 1VRMS
VISTA THD+N vs. FREQUENCY
FREQUENCY (Hz)
10,000
1000
100
-100
-80
-60
-40
-20
0
-120
10
100,000
VDD = 5.0V
RLOAD = 10k
I
LLOAD = 1µH
VOUT = -3dBFS
FS = 707mVRMS
FS = 1VRMS
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
30
60
90
120
150
180
0
2.7
5.5
RLOAD = 16
I
LLOAD = 1µH
THD+N = 10%
THD+N = 1%
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
30
60
90
120
150
180
0
2.7
5.5
RLOAD = 32
I
LLOAD = 1µH
THD+N = 10%
THD+N = 1%
Typical Operating Characteristics
(VDD = VSHDN = 5V, VGND = 0V, RIN = RFB = 40.2kΩ (gain = -1V/V), C1 = C2 = 1µF, C3 = 10µF, RLOAD = ∞. Typical values are at TA
= +25°C, unless otherwise noted.)


Similar Part No. - MAX9820ETB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9820EVKIT MAXIM-MAX9820EVKIT Datasheet
120Kb / 4P
   Evaluation Kit
Rev 0; 9/09
More results

Similar Description - MAX9820ETB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX9726 MAXIM-MAX9726 Datasheet
525Kb / 26P
   DirectDrive, Headphone Amplifier with BassMax, I2C, Volume and Gain Control
Rev 0; 9/06
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX4409 MAXIM-MAX4409 Datasheet
430Kb / 19P
   80mW, DirectDrive Stereo Headphone Amplifier with Common-Mode Sense
Rev 1; 6/04
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com