Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9867 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9867
Description  Ultra-Low Power Stereo Audio Codec
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9867 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9867 Datasheet HTML 1Page - Maxim Integrated Products MAX9867 Datasheet HTML 2Page - Maxim Integrated Products MAX9867 Datasheet HTML 3Page - Maxim Integrated Products MAX9867 Datasheet HTML 4Page - Maxim Integrated Products MAX9867 Datasheet HTML 5Page - Maxim Integrated Products MAX9867 Datasheet HTML 6Page - Maxim Integrated Products MAX9867 Datasheet HTML 7Page - Maxim Integrated Products MAX9867 Datasheet HTML 8Page - Maxim Integrated Products MAX9867 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
Ultra-Low Power Stereo Audio Codec
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Shutdown to Full Operation
Excludes PLL lock time
10
ms
Soft-Start/-Stop Time
10
ms
DAC (Note 4)
Master or slave
mode
90
Dynamic Range (Note 5)
DR
fS = 48kHz, AVVOL =
+0dB, TA = +25°C
Slave mode
84
dB
Differential mode
1
Full-Scale Output
VOLL/VOLR = 0 x 09
Capacitorless and
single-ended modes
0.56
VRMS
Gain Error
DC accuracy, measured with respect to
full-scale output
15
%
fS = 8kHz
1.2
Voice Path Phase Delay
PDLY
f = 1kHz, 0dBFS, HP
filter disabled, digital
input to analog output
fS = 16kHz
0.59
ms
Total Harmonic Distortion
THD
MCLK = 12.288MHz, fS = 48kHz, 0dBFS,
measured at headphone outputs
-80
dB
DAC Attenuation Range
AVDAC
DACA = 0xF to 0x0
-15
0
dB
DAC Gain Adjust
AVGAIN
DACG = 00 to 11
0
+18
dB
VAVDD = VPVDD = 1.65V to 1.95V
60
78
f = 217Hz, VRIPPLE = 100mVP-P,
AVVOL = 0dB
78
f = 1kHz, VRIPPLE = 100mVP-P,
AVVOL = 0dB
75
Power-Supply Rejection Ratio
PSRR
f = 10kHz, VRIPPLE = 100mVP-P,
AVVOL = 0dB
62
dB
DAC VOICE MODE DIGITAL IIR LOWPASS FILTER
With respect to fS within ripple; fS = 8kHz to
48kHz
0.448 x
fS
Passband Cutoff
fPLP
-3dB cutoff
0.451 x
fS
Hz
Passband Ripple
f < fPLP
±0.1
dB
Stopband Cutoff
fSLP
With respect to fS; fS = 8kHz to 48kHz
0.476 x
fS
Hz
Stopband Attenuation
f > fSLP, f = 20Hz to 20kHz
75
dB
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VPVDD = VDVDD = VDVDDIO = +1.8V, RL = ∞, headphone load (RL) connected between _OUTP and _OUTN in differential
mode, CREF = 2.2μF, CMICBIAS = CPREG = CREG = 1μF, AVPRE = +20dB, AVPGAM = 0dB, AVDAC = 0dB, AVLINE = +20dB, AVVOL =
0dB, MCLK = 13MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)


Similar Part No. - MAX9867

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867 Datasheet
795Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
MAX9867 MAXIM-MAX9867 Datasheet
983Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 2; 6/10
MAX9867 MAXIM-MAX9867 Datasheet
1Mb / 24P
   Isolation Header for Direct Communication with the MAX9867 I2C and Digital Audio Interfaces
Rev 1; 7/16
MAX9867ETJ++ MAXIM-MAX9867ETJ+ Datasheet
795Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
MAX9867ETJ++ MAXIM-MAX9867ETJ+ Datasheet
983Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 2; 6/10
More results

Similar Description - MAX9867

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
   Ultra-Low Power Stereo Audio Codec
2021
MAX98090 MAXIM-MAX98090 Datasheet
8Mb / 170P
   Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
logo
Texas Instruments
TLV320AIC3204 TI1-TLV320AIC3204_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_10 Datasheet
795Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
963Kb / 42P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_14 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com