Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9875ERP+TG45 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9875ERP+TG45
Description  Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9875ERP+TG45 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9875ERP+TG45 Datasheet HTML 7Page - Maxim Integrated Products MAX9875ERP+TG45 Datasheet HTML 8Page - Maxim Integrated Products MAX9875ERP+TG45 Datasheet HTML 9Page - Maxim Integrated Products MAX9875ERP+TG45 Datasheet HTML 10Page - Maxim Integrated Products MAX9875ERP+TG45 Datasheet HTML 11Page - Maxim Integrated Products MAX9875ERP+TG45 Datasheet HTML 12Page - Maxim Integrated Products MAX9875ERP+TG45 Datasheet HTML 13Page - Maxim Integrated Products MAX9875ERP+TG45 Datasheet HTML 14Page - Maxim Integrated Products MAX9875ERP+TG45 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Typical Operating Characteristics (continued)
(VDD = VPVDD = 3.7V, VGND = VPGND = 0V. Single-ended inputs, preamp gain = 0dB, volume controls = 0dB, OSC = 00, SHDN = 1.
Speaker loads (ZSPK) connected between OUT+ and OUT-. Headphone loads (RHP) connected from HPL or HPR to GND. ZSPK =
∞, RHP = ∞. C1 = C2 = CBIAS = 1µF. TA = +25°C, unless otherwise noted.)
Low RF Susceptibility, Mono Audio
Subsystem with DirectDrive Headphone Amplifier
______________________________________________________________________________________
11
IN-BAND OUTPUT SPECTRUM
FREQUENCY (kHz)
15
10
5
0
-140
-80
-40
-120
-20
-60
-100
020
fOSC = 1176kHz
fIN = 1kHz
WIDEBAND OUTPUT SPECTRUM
FREQUENCY (MHz)
0
-70
-40
-50
-20
-80
-60
-90
-30
-10
-100
0.1
10
100
1
fOSC = 1100kHz
INPUTS AC-COUPLED TO GND
WIDEBAND OUTPUT SPECTRUM
FREQUENCY (MHz)
0
-70
-40
-50
-20
-80
-60
-90
-30
-10
-100
0.1
10
100
1
fOSC = 700kHz
INPUTS AC-COUPLED TO GND
WIDEBAND OUTPUT SPECTRUM
FREQUENCY (MHz)
0
-70
-40
-50
-20
-80
-60
-90
-30
-10
-100
0.1
10
100
1
fOSC = 1176kHz
INPUTS AC-COUPLED TO GND
HARDWARE SHUTDOWN RESPONSE
VBIAS
500mV/div
20ms/div
OUT+ - OUT-
1V/div
SOFTWARE SHUTDOWN
ON- AND OFF-RESPONSE
VSDA
2V/div
20ms/div
OUT+ - OUT-
1V/div


Similar Part No. - MAX9875ERP+TG45

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX987 MAXIM-MAX987 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX987-MAX996 MAXIM-MAX987-MAX996 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
More results

Similar Description - MAX9875ERP+TG45

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9877 MAXIM-MAX9877 Datasheet
498Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 7/08
MAX9877AERP MAXIM-MAX9877AERP Datasheet
557Kb / 31P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 5/09
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724A MAXIM-MAX9724A_08 Datasheet
491Kb / 22P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724A MAXIM-MAX9724A_09 Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9724C MAXIM-MAX9724C Datasheet
350Kb / 19P
   Low RF Susceptibility DirectDrive Stereo Headphone Amplifier with 1.8V Compatible Shutdown
Rev 0; 5/08
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9775 MAXIM-MAX9775 Datasheet
556Kb / 37P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com