Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9879 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9879
Description  Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9879 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9879 Datasheet HTML 3Page - Maxim Integrated Products MAX9879 Datasheet HTML 4Page - Maxim Integrated Products MAX9879 Datasheet HTML 5Page - Maxim Integrated Products MAX9879 Datasheet HTML 6Page - Maxim Integrated Products MAX9879 Datasheet HTML 7Page - Maxim Integrated Products MAX9879 Datasheet HTML 8Page - Maxim Integrated Products MAX9879 Datasheet HTML 9Page - Maxim Integrated Products MAX9879 Datasheet HTML 10Page - Maxim Integrated Products MAX9879 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
_______________________________________________________________________________________
7
Note 3: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 4: Class D amplifier testing performed with a resistive load in series with an inductor to simulate an actual speaker load. For
RSPKR = 8Ω, L = 68mH.
Note 5: Amplifier inputs are AC-coupled to GND.
Note 6: CB is in pF.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VPVDDL = VPVDDR = 3.7V, VCCIO = 1.8V, VGND = VPGNDL = VPGNDR = 0. Single-ended inputs, preamp = 0dB, volume controls =
0dB, BYPASS = 0, SHDN = 1. Speaker loads connected between OUT_+ and OUT_-. Headphone loads connected from HPL or HPR to
GND. RSPK = ∞, RHP = ∞. C1 = C2 = CBIAS = 1µF. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Notes 3, 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Set-Up Time for STOP Condition
tSU:STO
0.6
µs
Pulse Width of Spike Suppressed
tSP
050
ns
Capacitive Load for Each Bus
Line
CB
400
pF


Similar Part No. - MAX9879

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9879ERV++ MAXIM-MAX9879ERV+ Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
More results

Similar Description - MAX9879

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9775 MAXIM-MAX9775 Datasheet
556Kb / 37P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9796 MAXIM-MAX9796_V01 Datasheet
427Kb / 28P
   2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
19-0866; Rev 1; 1/08
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
   1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
MAX9796 MAXIM-MAX9796 Datasheet
358Kb / 27P
   2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
Rev 0; 7/07
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com