Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGR18125EU Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # AGR18125EU
Description  125 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR18125EU Datasheet(HTML) 2 Page - TriQuint Semiconductor

  AGR18125EU Datasheet HTML 1Page - TriQuint Semiconductor AGR18125EU Datasheet HTML 2Page - TriQuint Semiconductor AGR18125EU Datasheet HTML 3Page - TriQuint Semiconductor AGR18125EU Datasheet HTML 4Page - TriQuint Semiconductor AGR18125EU Datasheet HTML 5Page - TriQuint Semiconductor AGR18125EU Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
125 W, 1.805 GHz—1.880 GHz, LDMOS RF Power Transistor
AGR18125E
Product Brief
Electrical Characteristics
Recommended operating conditions apply unless otherwise specified: TC = 30 °C.
Table 4. dc Characteristics
Table 5. RF Characteristics
* Across full DCS band, 1.805 GHz—1.880 GHz.
Parameter
Symbol
Min
Typ
Max
Unit
Off Characteristics
Drain-source Breakdown Voltage (VGS = 0, ID = 200 µA)
V(BR)DSS
65
Vdc
Gate-source Leakage Current (VGS = 5 V, VDS = 0 V)
IGSS
4
µAdc
Zero Gate Voltage Drain Leakage Current (VDS = 26 V, VGS = 0 V)
IDSS
12
µAdc
On Characteristics
Forward Transconductance (VDS = 10 V, ID = 1 A)
GFS
9
S
Gate Threshold Voltage (VDS = 10 V, ID = 400 µA)
VGS(TH)
4.8
Vdc
Gate Quiescent Voltage (VDS = 26 V, ID = 1200 mA)
VGS(Q)
3.8
Vdc
Drain-source On-voltage (VGS = 10 V, ID = 1 A)
VDS(ON)
0.08
Vdc
Parameter
Symbol
Min
Typ
Max
Unit
Dynamic Characteristics
Drain-to-gate Capacitance
(VDS = 26 V, VGS = 0 V, f = 1 MHz)
CRSS
3.0
pF
Drain-to-source Capacitance
(VDS = 26 V, VGS = 0 V, f = 1 MHz)
COSS
48
pF
Functional Tests* (in Agere Systems Supplied Test Fixture)
Power Gain
(VDS = 26 V, POUT = 125 W, IDQ = 1200 mA)
GL
13.5
dB
Drain Efficiency
(VDS = 26 V, POUT = 125 W, IDQ = 1200 mA)
η
50
%
EDGE Linearity Characterization
(POUT = 50 W, f = 1.840 GHz, VDS = 26 V, IDQ = 1200 mA)
Modulation spectrum @ ± 400 kHz
–60
dBc
Modulation spectrum @ ± 600 kHz
–72
dBc
Output Power
(VDS = 26 V, 1 dB gain compression, IDQ = 1200 mA)
P1dB
125
W
Input VSWR
VSWRI
2:1
Ruggedness
(VDS = 26 V, POUT = 30 W, IDQ = 1200 mA,
VSWR = 10:1 [all angles])
ψ
No degradation in output
power.
400
200
(in Supplied Test Fixture)


Similar Part No. - AGR18125EU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR18030EF TRIQUINT-AGR18030EF Datasheet
425Kb / 9P
   30 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18045E TRIQUINT-AGR18045E Datasheet
432Kb / 9P
   45 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18060E TRIQUINT-AGR18060E Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
AGR18060EF TRIQUINT-AGR18060EF Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
AGR18060EU TRIQUINT-AGR18060EU Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
More results

Similar Description - AGR18125EU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR18090E TRIQUINT-AGR18090E Datasheet
356Kb / 9P
   90 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18045E TRIQUINT-AGR18045E Datasheet
432Kb / 9P
   45 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18030EF TRIQUINT-AGR18030EF Datasheet
425Kb / 9P
   30 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
logo
ANADIGICS, Inc
AWB7222 ANADIGICS-AWB7222 Datasheet
740Kb / 9P
   1.805 - 1.880 GHz Small-Cell Power Amplifier Module
logo
STMicroelectronics
RF2L36040CF2 STMICROELECTRONICS-RF2L36040CF2 Datasheet
503Kb / 13P
   40 W, 28 V, 2.7 to 3.6 GHz RF power LDMOS transistor
April 2021 Rev 2
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
   30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
September 2021 Rev 2
RF5L08350CB4 STMICROELECTRONICS-RF5L08350CB4 Datasheet
1Mb / 12P
   400 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
September 2021 Rev 2
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
   200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
April 2021 Rev 2
RF2L16080CF2 STMICROELECTRONICS-RF2L16080CF2 Datasheet
1Mb / 12P
   80 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
April 2021 Rev 2
RF2L16180CB4 STMICROELECTRONICS-RF2L16180CB4 Datasheet
2Mb / 12P
   180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
April 2021 Rev 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com