Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGR19030EF Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # AGR19030EF
Description  30 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR19030EF Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button AGR19030EF Datasheet HTML 2Page - TriQuint Semiconductor AGR19030EF Datasheet HTML 3Page - TriQuint Semiconductor AGR19030EF Datasheet HTML 4Page - TriQuint Semiconductor AGR19030EF Datasheet HTML 5Page - TriQuint Semiconductor AGR19030EF Datasheet HTML 6Page - TriQuint Semiconductor AGR19030EF Datasheet HTML 7Page - TriQuint Semiconductor AGR19030EF Datasheet HTML 8Page - TriQuint Semiconductor AGR19030EF Datasheet HTML 9Page - TriQuint Semiconductor AGR19030EF Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
30 W, 1930 MHz—1990 MHz, PCS LDMOS RF Power Transistor
AGR19030EF
Typical Performance Characteristics (continued)
Test Conditions:
VDD = 28 Vdc, f1 = 1958.75 MHz, f2 = 1961.25 MHz, 2 carrier N-CDMA measurement.
Figure 8. ACPR vs. POUT
Test Conditions:
VDD = 28 Vdc, f1 = 1958.75 MHz, f2 = 1961.25 MHz, 2 carrier N-CDMA measurement.
Figure 9. IM3 vs. POUT
-70
-65
-60
-55
-50
-45
-40
-35
-30
30
35
40
45
POUT (dBm)Z
IDQ = 250 mA
IDQ = 400 mA
IDQ = 450 mA
IDQ = 350 mA
IDQ = 300 mA
-55
-50
-45
-40
-35
-30
-25
-20
-15
30
35
40
45
POUT (dBm)Z
IDQ = 250 mA
IDQ = 450 mA
IDQ = 400 mA
IDQ = 350 mA
IDQ = 300 mA


Similar Part No. - AGR19030EF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR19045EF TRIQUINT-AGR19045EF Datasheet
331Kb / 10P
   45 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19060E TRIQUINT-AGR19060E Datasheet
412Kb / 10P
   60 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19060EF TRIQUINT-AGR19060EF Datasheet
412Kb / 10P
   60 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19060EU TRIQUINT-AGR19060EU Datasheet
412Kb / 10P
   60 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19090E TRIQUINT-AGR19090E Datasheet
395Kb / 10P
   90 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
More results

Similar Description - AGR19030EF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR19060E TRIQUINT-AGR19060E Datasheet
412Kb / 10P
   60 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19045EF TRIQUINT-AGR19045EF Datasheet
331Kb / 10P
   45 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19125E TRIQUINT-AGR19125E Datasheet
395Kb / 10P
   125 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19090E TRIQUINT-AGR19090E Datasheet
395Kb / 10P
   90 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19180EF TRIQUINT-AGR19180EF Datasheet
438Kb / 9P
   180 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
logo
Infineon Technologies A...
PTF191601 INFINEON-PTF191601 Datasheet
61Kb / 4P
   LDMOS RF Power Field Effect Transistor 160 W, 1930-1990 MHz
2004-03-17
logo
NXP Semiconductors
MHW1910-1 NXP-MHW1910-1 Datasheet
147Kb / 8P
   1930-1990 MHz, 10W RF POWER LDMOS AMPLIFIER
REV 2
logo
Infineon Technologies A...
PTF180601 INFINEON-PTF180601 Datasheet
233Kb / 11P
   LDMOS Field Effect Transistor 60 W, DCS/PCS Band 1805-1880 MHz, 1930-1990 MHz
2004-05-03
PTFA192401E INFINEON-PTFA192401E Datasheet
431Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930 ??1990 MHz
Rev. 02, 2009-04-01
logo
Cree, Inc
PTFB193404F CREE-PTFB193404F Datasheet
610Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 340 W, 30 V, 1930 ??1990 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com