Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGR19125E Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # AGR19125E
Description  125 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR19125E Datasheet(HTML) 1 Page - TriQuint Semiconductor

  AGR19125E Datasheet HTML 1Page - TriQuint Semiconductor AGR19125E Datasheet HTML 2Page - TriQuint Semiconductor AGR19125E Datasheet HTML 3Page - TriQuint Semiconductor AGR19125E Datasheet HTML 4Page - TriQuint Semiconductor AGR19125E Datasheet HTML 5Page - TriQuint Semiconductor AGR19125E Datasheet HTML 6Page - TriQuint Semiconductor AGR19125E Datasheet HTML 7Page - TriQuint Semiconductor AGR19125E Datasheet HTML 8Page - TriQuint Semiconductor AGR19125E Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AGR19125E
125 W, 1930 MHz—1990 MHz, PCS LDMOS RF Power Transistor
Introduction
The AGR19125E is a 125 W, 28 V N-channel later-
ally diffused metal oxide semiconductor (LDMOS)
RF power field effect transistor (FET) suitable for
personal communication service (PCS)
(1930 MHz—1990 MHz), time-division multiple
access (TDMA), and single-carrier or multicarrier
class AB power amplifier applications.
Figure 1. Available Packages
Features
Typical 2 carrier, N-CDMA performance for
VDD = 28 V, IDQ = 1250 mA, F1 = 1958.75 MHz,
F2 = 1961.25 MHz, IS-95 (pilot, paging, sync,
traffic channels 8—13) 1.2288 MHz channel
bandwidth (BW). Adjacent channels measured
over a 30 kHz BW at F1 – 0.885 MHz and
F2 + 0.885 MHz. Intermodulation distortion
products measured over a 1.2288 MHz BW at
F1 – 2.5 MHz and F2 + 2.5 MHz. Peak/Average
(P/A) = 9.72 dB at 0.01% probability on CCDF:
— Output power: 24 W.
— Power gain: 15 dB.
— Efficiency: 24%.
— ACPR: –48 dBc.
— IMD3: –34 dBc.
— Return loss: –10 dB.
High-reliability, gold-metalization process.
Low hot carrier injection (HCI) induced bias drift
over 20 years.
Internally matched.
High gain, efficiency, and linearity.
Integrated ESD protection.
Device can withstand a 10:1 voltage standing wave
ratio (VSWR) at 28 Vdc, 1960 MHz, 125 W contin-
uous wave (CW) output power.
Large signal impedance parameters available.
Table 1. Thermal Characteristics
Table 2. Absolute Maximum Ratings*
* Stresses in excess of the absolute maximum ratings can cause
permanent damage to the device. These are absolute stress rat-
ings only. Functional operation of the device is not implied at
these or any other conditions in excess of those given in the
operational sections of the data sheet. Exposure to absolute
maximum ratings for extended periods can adversely affect
device reliability.
Table 3. ESD Rating*
* Although electrostatic discharge (ESD) protection circuitry has
been designed into this device, proper precautions must be
taken to avoid exposure to ESD and electrical overstress (EOS)
during all handling, assembly, and test operations. Agere
employs a human-body model (HBM), a machine model (MM),
and a charged-device model (CDM) qualification requirement in
order to determine ESD-susceptibility limits and protection
design evaluation. ESD voltage thresholds are dependent on the
circuit parameters used in each of the models, as defined by
JEDEC's JESD22-A114B (HBM), JESD22-A115A (MM), and
JESD22-C101A (CDM) standards.
Caution: MOS devices are susceptible to damage from elec-
trostatic charge. Reasonable precautions in han-
dling and packaging MOS devices should be
observed.
AGR19125EU (unflanged) AGR19125EF (flanged)
Parameter
Sym
Value Unit
Thermal Resistance,
Junction to Case:
AGR19125EU
AGR19125EF
Rı JC
Rı JC
0.5
0.5
°C/W
°C/W
Parameter
Sym Value Unit
Drain-source Voltage
VDSS
65
Vdc
Gate-source Voltage
VGS –0.5, +15 Vdc
Total Dissipation at TC = 25 °C:
AGR19125EU
AGR19125EF
PD
PD
350
350
W
W
Derate Above 25 °C:
AGR19125EU
AGR19125EF
2.0
2.0
W/°C
W/°C
Operating Junction Tempera-
ture
TJ
200
°C
Storage Temperature Range TSTG –65, +150 °C
AGR19125E
Minimum (V)
Class
HBM
500
1B
MM
50
A
CDM
1500
4
PEAK Devices


Similar Part No. - AGR19125E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR19180EF TRIQUINT-AGR19180EF Datasheet
438Kb / 9P
   180 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
More results

Similar Description - AGR19125E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR19060E TRIQUINT-AGR19060E Datasheet
412Kb / 10P
   60 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19045EF TRIQUINT-AGR19045EF Datasheet
331Kb / 10P
   45 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19030EF TRIQUINT-AGR19030EF Datasheet
355Kb / 10P
   30 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19090E TRIQUINT-AGR19090E Datasheet
395Kb / 10P
   90 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19180EF TRIQUINT-AGR19180EF Datasheet
438Kb / 9P
   180 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
logo
Infineon Technologies A...
PTF191601 INFINEON-PTF191601 Datasheet
61Kb / 4P
   LDMOS RF Power Field Effect Transistor 160 W, 1930-1990 MHz
2004-03-17
logo
NXP Semiconductors
MHW1910-1 NXP-MHW1910-1 Datasheet
147Kb / 8P
   1930-1990 MHz, 10W RF POWER LDMOS AMPLIFIER
REV 2
logo
Infineon Technologies A...
PTF180601 INFINEON-PTF180601 Datasheet
233Kb / 11P
   LDMOS Field Effect Transistor 60 W, DCS/PCS Band 1805-1880 MHz, 1930-1990 MHz
2004-05-03
PTFA192401E INFINEON-PTFA192401E Datasheet
431Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930 ??1990 MHz
Rev. 02, 2009-04-01
PTFB191501E INFINEON-PTFB191501E Datasheet
295Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 1930 ??1990 MHz
Rev. 02, 2009-09-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com