Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH314 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # AH314
Description  2.3-2.9 GHz WiMAX 2W Driver Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH314 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  AH314 Datasheet HTML 1Page - TriQuint Semiconductor AH314 Datasheet HTML 2Page - TriQuint Semiconductor AH314 Datasheet HTML 3Page - TriQuint Semiconductor AH314 Datasheet HTML 4Page - TriQuint Semiconductor AH314 Datasheet HTML 5Page - TriQuint Semiconductor AH314 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Specifications and information are subject to change without notice.
TriQuint Semiconductor, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
Page 6 of 6 September 2008
AH314
2.3-2.9 GHz WiMAX 2W Driver Amplifier
Mechanical Information
This package is lead-free/RoHS-compliant. The plating material on the pins is annealed matte tin over copper. It is compatible with both
lead-free (maximum 260
°C reflow temperature) and leaded (maximum 245 °C reflow temperature) soldering processes.
Outline Drawing
Mounting Configuration / Land Pattern
Product Marking
The component will be marked with an
“AH314G” designator with an alphanumeric lot
code on the top surface of the package.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating:
Class 1B
Value:
Passes
500V to <1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating:
Class IV
Value:
Passes
1000V to <2000V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating:
Level 3 at +260
°C convection reflows
Standard:
JEDEC Standard J-STD-020
Functional Pin Layout
Vbias1
GND / NC
RF IN
RF IN
RF OUT
RF OUT
RF OUT
GND / NC
Vcc2
Vpd1
Function
Pin No.
Vcc1
19
Vcc2
15
Vpd1
1
Vpd2
16
Input
4,5
Output
11,12,13
Vbias1
2
Vbias2
17
GND
Backside Paddle
N/C or GND
3,6,7,8,9,10,14,18,20


Similar Part No. - AH314

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH314-G TRIQUINT-AH314-G Datasheet
406Kb / 9P
   2.3-2.9 GHz 2W 5V Linear Driver Amplifier
AH314-PCB TRIQUINT-AH314-PCB Datasheet
406Kb / 9P
   2.3-2.9 GHz 2W 5V Linear Driver Amplifier
logo
NANJING AH ELECTRONICS ...
AH3141 AHNJ-AH3141 Datasheet
673Kb / 9P
   Unipolar Type Hall Sensor
AH3142 AHNJ-AH3142 Datasheet
670Kb / 9P
   Unipolar Type Hall Sensor
AH3144 AHNJ-AH3144 Datasheet
667Kb / 9P
   Unipolar Type Hall Sensor
More results

Similar Description - AH314

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314_15 Datasheet
406Kb / 9P
   2.3-2.9 GHz 2W 5V Linear Driver Amplifier
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
   2.3-2.9 GHz WiMAX 8W Power Amplifier
AH315 TRIQUINT-AH315_15 Datasheet
345Kb / 9P
   3.3 ??3.8 GHz WiMAX 2W Driver Amplifier
logo
WJ Communication. Inc.
AH315 WJCI-AH315 Datasheet
321Kb / 5P
   3.3-3.8 GHz WiMAX 2W Driver Amplifier
logo
TriQuint Semiconductor
AP561 TRIQUINT-AP561_09 Datasheet
1Mb / 15P
   0.7-2.9 GHz WiMAX 8W Power Amplifier
logo
SiGe Semiconductor, Inc...
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
   2.3-2.7 GHz WiMAX Power Amplifier Preliminary
logo
Analog Devices
ADL5570 AD-ADL5570 Datasheet
271Kb / 10P
   2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Rev. PrG
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
Skyworks Solutions Inc.
AWT6264R SKYWORKS-AWT6264R Datasheet
648Kb / 12P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
Stealth Microwave, Inc.
SMTR2327-44 STEALTH_MICROWAVE-SMTR2327-44 Datasheet
226Kb / 5P
   2.3-2.7 GHz Bi-Directional WiMAX Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com