Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH314-PCB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # AH314-PCB
Description  2.3-2.9 GHz WiMAX 2W Driver Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH314-PCB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  AH314-PCB Datasheet HTML 1Page - TriQuint Semiconductor AH314-PCB Datasheet HTML 2Page - TriQuint Semiconductor AH314-PCB Datasheet HTML 3Page - TriQuint Semiconductor AH314-PCB Datasheet HTML 4Page - TriQuint Semiconductor AH314-PCB Datasheet HTML 5Page - TriQuint Semiconductor AH314-PCB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications and information are subject to change without notice.
TriQuint Semiconductor, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
Page 1 of 6 September 2008
AH314
2.3-2.9 GHz WiMAX 2W Driver Amplifier
Product Features
2.3 – 2.9 GHz
23 dB Gain
EVM <2.5 %@ 24 dBm Pout
Internal Active Bias
+5V Single Supply Voltage
+33 dBm P1dB
Lead-free/RoHS-compliant
5x5 mm QFN SMT package
Applications
802.16 WiMAX infrastructure
WiBro infrastructure
Product Description
The AH314 is a high dynamic range broadband driver
amplifier in a surface mount package.
The two-stage
amplifier has 23 dB of gain, while achieving +24 dBm of
linear output power for 2.3–2.9 GHz WiMAX/WiBro
applications.
AH314 uses a high reliability +5V InGaP/GaAs HBT
process technology.
The device incorporates proprietary
bias circuitry to compensate for variations in linearity and
current draw over temperature. The device does not require
any negative bias voltage; an internal active bias allows the
AH314 to operate directly off a commonly available +5V
supply.
The
RoHS-compliant/Lead-free
5x5mm
QFN
package
is
surface
mountable
to
allow
for
low
manufacturing costs to the end user.
The AH314 is targeted for use in a configuration for the
driver stage amplifier in 802.16 WiMAX or WiBro
basestations where high linearity and medium power is
required.
Functional Diagram
Vbias1
GND / NC
RF IN
RF IN
RF OUT
RF OUT
RF OUT
GND / NC
Vcc2
Vpd1
Specifications
(1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
GHz
2.3
2.9
Output Channel Power
dBm
+24
Power Gain
dB
23
EVM
(2)
%
2.0
2.5
Efficiency
%
6.6
Output P1dB
dBm
+33
Noise Figure
dB
6.4
PIN_VPD Current, Ipd
mA
36
Quiescent Current, Icq
(3)
mA
600
Icc @ 24dBm
mA
700
Device Voltage, Vcc
V
+5
1. Test conditions unless otherwise noted: 25ºC, +5V Vsupply, in 2.5-2.7GHz tuned application circuit
shown in page 3.
2. Using an 802.16-2004 OFDMA, 64QAM-1/2,1024-FFT, 20 symbols, 30 subchannels.
3. This corresponds to the quiescent current or operating current under small-signal conditions with
bias resistor R1=68
Ω off pin 1 and R2=150Ω off pin 16.
4. This corresponds to the quiescent current or operating current under small signal conditions into
pins 1, 2, 15 and 17. Pin 1 and 16 is used a reference voltage for the internal biasing circuitry. It is
expected that PIN_VPD1 and PIN_VPD2 will pull 36 mA of current when used with series
resistors (i.e. Total device current typically will be 636 mA).
Absolute Maximum Rating
Parameter
Rating
Storage Temperature
-55 to +125 ºC
Collector Current, Icc ( Icc1+Icc2)
1.6 A
RF Input Power into a 50
Ω Load
19 dBm
Device Voltage
+8 V
Device Power
8 W
Thermal Resistance, Rth
14.4
°C / W
Junction Temperature
150
°C
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance
(4)
Parameter
Units
Vcc=5V
Vcc=6V
Frequency
GHz
2.6
2.6
Output Channel Power
dBm
+25
+26.5
Power Gain
dB
23.1
23.1
S11 – Input R.L.
dB
-8.2
-8.6
S22 – Output R.L.
dB
-16.7
-26
Output P1dB
dBm
33
34.5
EVM
%
1.8
2.2
Efficiency
%
8.2
8.5
Noise Figure
dB
6.4
6.4
Quiescent Current
mA
600
650
Vpd, Vbias
V
+5
+6
4. Typical parameters reflect performance in a tuned application circuit at +25
° C.
Ordering Information
Part No.
Description
AH314-G
2.3-2.9 GHz WiMAX 2W Driver Amplifier
AH314-PCB
2.4-2.7 GHz Evaluation Board
Standard T/R size = 500 pieces on a 7” reel.


Similar Part No. - AH314-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH314-PCB TRIQUINT-AH314-PCB Datasheet
406Kb / 9P
   2.3-2.9 GHz 2W 5V Linear Driver Amplifier
More results

Similar Description - AH314-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314_15 Datasheet
406Kb / 9P
   2.3-2.9 GHz 2W 5V Linear Driver Amplifier
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
   2.3-2.9 GHz WiMAX 8W Power Amplifier
AH315 TRIQUINT-AH315_15 Datasheet
345Kb / 9P
   3.3 ??3.8 GHz WiMAX 2W Driver Amplifier
logo
WJ Communication. Inc.
AH315 WJCI-AH315 Datasheet
321Kb / 5P
   3.3-3.8 GHz WiMAX 2W Driver Amplifier
logo
TriQuint Semiconductor
AP561 TRIQUINT-AP561_09 Datasheet
1Mb / 15P
   0.7-2.9 GHz WiMAX 8W Power Amplifier
logo
SiGe Semiconductor, Inc...
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
   2.3-2.7 GHz WiMAX Power Amplifier Preliminary
logo
Analog Devices
ADL5570 AD-ADL5570 Datasheet
271Kb / 10P
   2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Rev. PrG
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
Skyworks Solutions Inc.
AWT6264R SKYWORKS-AWT6264R Datasheet
648Kb / 12P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
Stealth Microwave, Inc.
SMTR2327-44 STEALTH_MICROWAVE-SMTR2327-44 Datasheet
226Kb / 5P
   2.3-2.7 GHz Bi-Directional WiMAX Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com