Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH420-EPCB2140 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # AH420-EPCB2140
Description  4W High Linearity InGaP HBT Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH420-EPCB2140 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  AH420-EPCB2140 Datasheet HTML 1Page - TriQuint Semiconductor AH420-EPCB2140 Datasheet HTML 2Page - TriQuint Semiconductor AH420-EPCB2140 Datasheet HTML 3Page - TriQuint Semiconductor AH420-EPCB2140 Datasheet HTML 4Page - TriQuint Semiconductor AH420-EPCB2140 Datasheet HTML 5Page - TriQuint Semiconductor AH420-EPCB2140 Datasheet HTML 6Page - TriQuint Semiconductor AH420-EPCB2140 Datasheet HTML 7Page - TriQuint Semiconductor AH420-EPCB2140 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor Inc
• Phone 1-503-615-9000 • FAX: 503-615-8900 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
Page 6 of 8 Aug 2009
AH420
4W High Linearity InGaP HBT Amplifier
2010-2025 MHz Application Circuit Performance Plots
TD-SCDMA 3 Carrier, PAR = 10 dB @ 0.01% Probability, 1.28 MHz BW
Typical TD-SCDMA Performance at 25
°C
Frequency (MHz)
2010 2015
2025 Units
Power Gain
14.9
15
14.8
dB
Input Return Loss
14
13
12
dB
Output Return Loss
11
12
13
dB
Quiescent Current, Icq
800
mA
Vpd
+5
V
Vcc
+5
V
C8
C9
C10
C11
C7
C3
C4
C5
C6
C12
C15
C14
C2
R1
C1
D1
Notes:
1.
The primary RF microstrip line is 50
Ω.
2.
Components shown on the silkscreen but not on the schematic are not used.
3.
The edge of C13 is placed at 75mil from AH420 RFout pin. (8.3 o @ 2015 MHz)
4.
The edge of C15 is placed 50mil from the edge of C13. (5.5 o @ 2015 MHz)
5.
The edge of C16 is placed 345mil from the edge of C15. (38 o @ 2015 MHz)
6.
The edge of C14 is placed at 160mil from AH420 RFin pin. (17.6 o @ 2015 MHz)
7.
The edge of C17 is placed 95mil from the edge of C14. (10.5 o @ 2015 MHz)
Gain vs Frequency
T=25°C
11
12
13
14
15
16
2.00
2.01
2.02
2.03
2.04
Frequency (GHz)
S21
Return Loss
T=25°C
-25
-20
-15
-10
-5
0
2.00
2.01
2.02
2.03
2.04
Frequency (GHz)
S11
S22
Efficiency vs Output Average Power vs. Frequency
T=25°C
0
5
10
15
20
20
21
22
23
24
25
26
27
28
Output Power (dBm)
2010 MHz
2015 MHz
2025 MHz
Current vs Output Average Power vs. Frequency
T=25°C
800
850
900
950
1000
20
21
22
23
24
25
26
27
28
Output Power (dBm)
2010 MHz
2015 MHz
2025 MHz
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
19
20
21
22
23
24
25
Output Power (dBm)
ACLR vs. Output Average Power vs. Frequency
T=25°C
2010 MHz
2015 MHz
2025 MHz


Similar Part No. - AH420-EPCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH420-EPCB2140 TRIQUINT-AH420-EPCB2140 Datasheet
683Kb / 9P
   4W High Linearity InGaP HBT Amplifier
More results

Similar Description - AH420-EPCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH420 TRIQUINT-AH420_15 Datasheet
683Kb / 9P
   4W High Linearity InGaP HBT Amplifier
logo
SJM Prewell. All Rights...
PH635-S8 SJM-PH635-S8 Datasheet
1Mb / 6P
   High Linearity InGaP HBT Amplifier
PH330 SJM-PH330 Datasheet
787Kb / 8P
   High Linearity InGaP HBT Amplifier
PH335 SJM-PH335 Datasheet
471Kb / 6P
   High Linearity InGaP HBT Amplifier
PH465 SJM-PH465 Datasheet
828Kb / 8P
   High Linearity InGaP HBT Amplifier
PH530-S8 SJM-PH530-S8 Datasheet
1Mb / 7P
   High Linearity InGaP HBT Amplifier
PH230 SJM-PH230 Datasheet
403Kb / 5P
   High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z_12 Datasheet
452Kb / 8P
   HIGH LINEARITY InGaP HBT AMPLIFIER
logo
SJM Prewell. All Rights...
PH435 SJM-PH435 Datasheet
585Kb / 6P
   High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com