Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF2023-20 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGF2023-20
Description  100 Watt Discrete Power GaN on SiC HEMT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2023-20 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGF2023-20 Datasheet HTML 1Page - TriQuint Semiconductor TGF2023-20 Datasheet HTML 2Page - TriQuint Semiconductor TGF2023-20 Datasheet HTML 3Page - TriQuint Semiconductor TGF2023-20 Datasheet HTML 4Page - TriQuint Semiconductor TGF2023-20 Datasheet HTML 5Page - TriQuint Semiconductor TGF2023-20 Datasheet HTML 6Page - TriQuint Semiconductor TGF2023-20 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TGF2023-20
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
3
Dec 2008 © Rev A
Table III
RF Characterization Table 1/
Bias: Vd = 32 V & 40 V, Idq = 2 A, Vg = - 3V Typical
%
57
55
Power Added Efficiency
PAE
-
0.912 ‚176.3
0.905 ‚175.4
Load Reflection Coefficient
Г
L 3/
pF/mm
0.461
0.444
Parallel Capacitance
Cp 2/
Efficiency Tuned:
dBm
47.5
48
Saturated Output Power
Psat
dB
19.5
19.5
Power Gain
Gain
·mm
158.1
190.2
Parallel Resistance
Rp 2/
pF/mm
0.314
0.263
Parallel Capacitance
Cp 2/
0.843 ‚169.0
87.79
15
46
50.5
Vd = 40 V
-
0.866 ‚170.9
Load Reflection Coefficient
Г
L 3/
·mm
68.58
Parallel Resistance
Rp 2/
dB
15
Power Gain
Gain
%
47
Power Added Efficiency
PAE
dBm
49.5
Saturated Output Power
Psat
Power Tuned:
UNITS
Vd = 32 V
PARAMETER
SYMBOL
1/
Values in this table are scaled from a 1.25 mm unit GaN on SiC cell at 3.5 GHz
2/
Large signal equivalent GaN on SiC output network
3/
Optimum load impedance for maximum power or maximum PAE at 3.5 GHz. The series resistance
and inductance (Rd and Ld) shown in the Figure on page 5 is excluded


Similar Part No. - TGF2023-20

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2023-20 TRIQUINT-TGF2023-20 Datasheet
201Kb / 9P
   90 Watt Discrete Power GaNon SiCHEMT
TGF2023-20 TRIQUINT-TGF2023-20_15 Datasheet
201Kb / 9P
   90 Watt Discrete Power GaNon SiCHEMT
More results

Similar Description - TGF2023-20

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2023-10 TRIQUINT-TGF2023-10 Datasheet
221Kb / 7P
   50 Watt Discrete Power GaN on SiC HEMT
TGF2952 TRIQUINT-TGF2952_15 Datasheet
1Mb / 22P
   7 Watt Discrete Power GaN on SiC HEMT
logo
Qorvo, Inc
TGF2954 QORVO-TGF2954 Datasheet
1Mb / 19P
   27 Watt Discrete Power GaN on SiC HEMT
logo
TriQuint Semiconductor
TGF2023-2-10 TRIQUINT-TGF2023-2-10_15 Datasheet
1Mb / 14P
   50 Watt Discrete Power GaN on SiC HEMT
TGF2023-10 TRIQUINT-TGF2023-10_15 Datasheet
200Kb / 9P
   50 Watt Discrete Power GaN on SiC HEMT
TGF2023-01 TRIQUINT-TGF2023-01_15 Datasheet
780Kb / 13P
   6 Watt Discrete Power GaN on SiC HEMT
TGF2023-02 TRIQUINT-TGF2023-02_15 Datasheet
196Kb / 9P
   12 Watt Discrete Power GaN on SiC HEMT
TGF2023-2-01 TRIQUINT-TGF2023-2-01_15 Datasheet
2Mb / 22P
   6 Watt Discrete Power GaN on SiC HEMT
logo
Qorvo, Inc
TGF2023-2-05 QORVO-TGF2023-2-05 Datasheet
2Mb / 22P
   25 Watt Discrete Power GaN on SiC HEMT
01-22-16
logo
TriQuint Semiconductor
TGF2023-02 TRIQUINT-TGF2023-02 Datasheet
222Kb / 7P
   12 Watt Discrete Power GaN on SiC HEMT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com