Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQBIHEMT Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQBIHEMT
Description  Combined 0.7關m E/D pHEMT & 2關m HBT Foundry Service
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQBIHEMT Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQBIHEMT Datasheet HTML 1Page - TriQuint Semiconductor TQBIHEMT Datasheet HTML 2Page - TriQuint Semiconductor TQBIHEMT Datasheet HTML 3Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production Process
TQBiHEMT
Combined 0.7μm E/D pHEMT & 2μm HBT Foundry Service
Semiconductors for Communications
www.triquint.com
TriQuint Semiconductor
2300 NE Brookwood Pkwy
Hillsboro, Oregon 97124
Phone: 503-615-9000
Fax: 503-615-8905
Email: foundryinfo@triquint.com
Page 2 of 5; Rev 2.0 7/22/03
Transistor Details @ Vds = 3.0V
Element
Parameter
Typical*
Units
D-Mode pHEMT
Vp (1uA/um)
-0.8
V
Idss
160
mA/mm
Imax
430
mA/mm
Breakdown, Vdg
10 min, 18 typ
V
Ft @ 50% Idss
21
GHz
Fmax @ 50% Idss
38
GHz
Gm (50% Idss)
225
mS/mm
Ron
2.3
Ohms * mm
E-Mode pHEMT
Vth (1uA/um)
+0.30
V
Idss (max)
0.01
uA/um
Imax
175
mA/mm
Breakdown, Vdg
10 min, 18 typ
V
Ft @ 50% Idss
20
GHz
Fmax @ 50% Idss
39
GHz
Gm (50% Imax)
355
mS/mm
Ron
3.0
Ohms * mm
BVcbo
24
v
Common Process Element Details
Gate Length
0.7
μm
Interconnect
3
Metal Layers
MIM Caps
Value
1200
pF/mm2
Resistors
NiCr
50
Ohms/sq
Bulk
360
Ohms/sq
HBT
Beta
75
Ft
30
GHz
Fmax
60
GHz
(For a 3x3x45μm
unit cell:)
BVceo
14
V
BVbeo
7
V
TQBiHEMT
Process
Details
Page 2 of 3; Rev 0.3; 6/05/2008
Limited Release- Proprietary
*Values for reference only: Actual specifications subject to
change without notice prior to Production Release.


Similar Description - TQBIHEMT

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP13-N TRIQUINT-TQP13-N Datasheet
181Kb / 4P
   0.13 um D pHEMT Foundry Service
TQHBT3 TRIQUINT-TQHBT3 Datasheet
120Kb / 6P
   InGaP HBT Foundry Service
TQPHT TRIQUINT-TQPHT Datasheet
208Kb / 5P
   0.5 um pHEMT Foundry Service
logo
OmniVision Technologies...
OV2744 OMNIVISION-OV2744 Datasheet
631Kb / 2P
   1.4 關m x 1.4 關m pixel
OV2740 OMNIVISION-OV2740 Datasheet
4Mb / 2P
   1.4 關m x 1.4 關m pixel
logo
TriQuint Semiconductor
TQRLC TRIQUINT-TQRLC Datasheet
395Kb / 3P
   Advanced Passives Foundry Service
TQTRX TRIQUINT-TQTRX Datasheet
175Kb / 6P
   Advanced Passives & MESFET Foundry Service
logo
OKI electronic componet...
OL592N-2 OKI-OL592N-2 Datasheet
42Kb / 3P
   1.55 關m 2 mW Coaxial Module
logo
ATMEL Corporation
UA1 ATMEL-UA1 Datasheet
125Kb / 8P
   0.35 關m ULC
logo
Murata Manufacturing Co...
935121424347-XXN MURATA1-935121424347-XXN Datasheet
195Kb / 2P
   Ultra low profile (100關m, 80關m on request).
Last updated06/13/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com