Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQM640002GEL Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQM640002GEL
Description  GPS LNA-Filter Receive Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM640002GEL Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TQM640002GEL Datasheet HTML 4Page - TriQuint Semiconductor TQM640002GEL Datasheet HTML 5Page - TriQuint Semiconductor TQM640002GEL Datasheet HTML 6Page - TriQuint Semiconductor TQM640002GEL Datasheet HTML 7Page - TriQuint Semiconductor TQM640002GEL Datasheet HTML 8Page - TriQuint Semiconductor TQM640002GEL Datasheet HTML 9Page - TriQuint Semiconductor TQM640002GEL Datasheet HTML 10Page - TriQuint Semiconductor TQM640002GEL Datasheet HTML 11Page - TriQuint Semiconductor TQM640002GEL Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TQM640002
Data Sheet
GPS LNA-Filter Receive Module
Preliminary Data Sheet: Subject to change without notice
For additional information and latest specifications, see our website: www.triquint.com
Revision C, March 20, 2009
8
Typical Performance over Temperature: -40
°°°°C, 25°°°°C, 85°°°°C (cont’d)
Test Conditions (unless otherwise specified Vdd = Vctrl, F = 1575.42 MHz, TC = 25
°C
IIP3 vs. Vdd
-12.00
-10.00
-8.00
-6.00
-4.00
-2.00
0.00
1.5
1.8
2.1
2.4
2.7
3
3.3
Supply Voltage Vdd(v)
-40C
25C
85C
Rejection at 980MHz vs. Vdd
70
75
80
85
90
1.5
1.8
2.1
2.4
2.7
3
3.3
Supply Voltage Vdd(v)
-40C
25C
85C
Rejection at 1785MHz vs. Vdd
70
75
80
85
90
1.5
1.8
2.1
2.4
2.7
3
3.3
Supply Voltage Vdd(v)
-40C
25C
85C
Rejection at 1980MHz vs. Vdd
70
75
80
85
90
1.5
1.8
2.1
2.4
2.7
3
3.3
Supply Voltage Vdd(v)
-40C
25C
85C


Similar Part No. - TQM640002GEL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM613017 TRIQUINT-TQM613017 Datasheet
131Kb / 1P
   PowerPadTM CDMA/AMPS Cellular Band PA/Duplexer Module
TQM613025 TRIQUINT-TQM613025 Datasheet
159Kb / 1P
   CDMA Cellular Band PA/Duplexer Module
TQM613027 TRIQUINT-TQM613027 Datasheet
116Kb / 1P
   CDMA Cellular Band PA/Duplexer Module
TQM613029 TRIQUINT-TQM613029 Datasheet
312Kb / 14P
   Tritium II PA-Duplexer Module CDMA Cellular Band
TQM613029 TRIQUINT-TQM613029_15 Datasheet
312Kb / 14P
   Tritium II PA-Duplexer Module CDMA Cellular Band
More results

Similar Description - TQM640002GEL

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-1712 BOARDCOM-ALM-1712 Datasheet
288Kb / 17P
   GPS Filter-LNA-Filter Front-End Module
ALM-GP001 BOARDCOM-ALM-GP001 Datasheet
743Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2712 AVAGO-ALM-2712 Datasheet
339Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
ALM-2712-TR1G AVAGO-ALM-2712-TR1G Datasheet
339Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
ALM-1712-BLKG AVAGO-ALM-1712-BLKG Datasheet
289Kb / 17P
   GPS Filter-LNA-Filter Front-End Module
ALM-GP001 AVAGO-ALM-GP001 Datasheet
824Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
logo
Broadcom Corporation.
DEMO-ALM-2712 BOARDCOM-DEMO-ALM-2712 Datasheet
339Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2412 AVAGO-ALM-2412 Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
ALM-1412 AVAGO-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-1612 BOARDCOM-ALM-1612 Datasheet
325Kb / 17P
   GPS LNA-Filter Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com