Electronic Components Datasheet Search |
|
V375B12T300BL2 Datasheet(PDF) 6 Page - Vicor Corporation |
|
V375B12T300BL2 Datasheet(HTML) 6 Page - Vicor Corporation |
6 / 13 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 375V Mini Family Rev. 8.4 Page 6 of 13 Set your site on VICOR at vicorpower.com MODULE SPECIFIC OPERATING SPECIFICATIONS Parameter Min Typ Max Unit Notes Efficiency 86.6 87.5 % Nominal input; full load; 25°C Ripple and noise 100 125 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 6.6 10.6 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 7.14 Amps Current limit 7.28 8.21 9.64 Amps Output voltage 95% of nominal Short circuit current 4.99 8.21 9.64 Amps Output voltage <250 mV 28 Vout, 200 W (e.g. V375B28C200BL) Parameter Min Typ Max Unit Notes Efficiency 86.5 87.5 % Nominal input; full load; 25°C Ripple and noise 420 525 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 5.5 8.2 Watts No load Load regulation ±0.02 ±0.35 % No load to full load; nominal input Load current 0 10.71 Amps Current limit 11 12.4 14.1 Amps Output voltage 95% of nominal Short circuit current 7.56 12.4 14.1 Amps Output voltage <250 mV 28 Vout, 300 W (e.g. V375B28C300BL) Parameter Min Typ Max Unit Notes Efficiency 86 86.9 % Nominal input; full load; 25°C Ripple and noise 280 350 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 40.4 41.9 43.4 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 6.9 12.1 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 8.33 Amps Current limit 8.49 9.58 11.3 Amps Output voltage 95% of nominal Short circuit current 5.83 9.58 11.3 Amps Output voltage <250 mV 36 Vout, 300 W (e.g. V375B36C300BL) Parameter Min Typ Max Unit Notes Efficiency 86 86.8 % Nominal input; full load; 25°C Ripple and noise 240 300 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 6.8 7.2 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 8.33 Amps Current limit 8.49 9.58 11.3 Amps Output voltage 95% of nominal Short circuit current 5.83 9.58 11.3 Amps Output voltage <250 mV 24 Vout, 200 W (e.g. V375B24C200BL) Parameter Min Typ Max Unit Notes Efficiency 86.5 88 % Nominal input; full load; 25°C Ripple and noise 494 618 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 4.5 6.8 Watts No load Load regulation ±0.02 ±0.3 % No load to full load; nominal input Load current 0 12.5 Amps Current limit 12.7 14.4 16.9 Amps Output voltage 95% of nominal Short circuit current 8.75 14.4 17.8 Amps Output voltage <250 mV 24 Vout, 300 W (e.g. V375B24C300BL) |
Similar Part No. - V375B12T300BL2 |
|
Similar Description - V375B12T300BL2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |